Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2038D1 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPA2038D1
Description  3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2038D1 Datasheet(HTML) 3 Page - Texas Instruments

  TPA2038D1_15 Datasheet HTML 1Page - Texas Instruments TPA2038D1_15 Datasheet HTML 2Page - Texas Instruments TPA2038D1_15 Datasheet HTML 3Page - Texas Instruments TPA2038D1_15 Datasheet HTML 4Page - Texas Instruments TPA2038D1_15 Datasheet HTML 5Page - Texas Instruments TPA2038D1_15 Datasheet HTML 6Page - Texas Instruments TPA2038D1_15 Datasheet HTML 7Page - Texas Instruments TPA2038D1_15 Datasheet HTML 8Page - Texas Instruments TPA2038D1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TPA2038D1
www.ti.com
SLOS697A – AUGUST 2011 – REVISED OCTOBER 2012
ELECTRICAL CHARACTERISTICS
PVDD = VDD = 3.6 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output offset voltage
|VOS|
VDD = 2.5 V to 5.5 V, GAIN = VDD
1
5
mV
(measured differentially)
|IIH|
High-level EN input current
VDD = 5.5 V, EN = GAIN = 5.5 V
50
μA
|IIL|
Low-level EN input current
VDD = 5.5 V, EN = GAIN = 0 V
1
μA
VDD = 5.5 V, no load
1.8
2.5
I(Q)
Quiescent current
VDD = 3.6 V, no load
1.5
2.3
mA
VDD = 2.5 V, no load
1.3
2.1
I(SD)
Shutdown current
EN = 0.35 V, VDD = 3.6 V
0.1
2
μA
RO, SD
Output impedance in
EN = 0.35 V
2
k
shutdown mode
f(SW)
Switching frequency
VDD = 2.5 V to 5.5 V
250
300
350
kHz
AV
Gain
GAIN = 0 V
11.5
12
12.5
dB
GAIN = VDD
5.5
6
6.5
REN
Resistance from EN to GND
300
k
AV = 6 dB; EN = VDD
150
RIN
Single-ended input resistance
AV = 12 dB; EN = VDD
75
k
EN = 0.35 V
75
OPERATING CHARACTERISTICS
PVDD = VDD = 3.6 V, AV = 6 dB, TA = 25°C, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 5 V
3.24
THD + N = 10%, f = 1 kHz,
VDD = 3.6 V
1.62
W
RL = 4 Ω
VDD = 2.5 V
0.70
VDD = 5 V
2.57
THD + N = 1%, f = 1 kHz,
VDD = 3.6 V
1.32
W
RL = 4 Ω
VDD = 2.5 V
0.57
PO
Output power
VDD = 5 V
1.80
THD + N = 10%, f = 1 kHz,
VDD = 3.6 V
0.91
W
RL = 8 Ω
VDD = 2.5 V
0.42
VDD = 5 V
1.46
THD + N = 1%, f = 1 kHz,
VDD = 3.6 V
0.74
W
RL = 8 Ω
VDD = 2.5 V
0.33
VDD = 3.6 V, Inputs AC
A-weighting
20
Output voltage noise, AV = 6 dB
grounded with CI = 2 μF,
No weighting
26
f = 20 Hz to 20 kHz
EN
μVRMS
A-weighting
27
Output voltage noise, AV = 12 dB
No weighting
36
VDD = 5.0 V, PO = 1.0 W, f = 1 kHz, RL = 8 Ω
0.12%
VDD = 3.6 V, PO = 0.5 W, f = 1 kHz, RL = 8 Ω
0.05%
VDD = 2.5 V, PO = 0.2 W, f = 1 kHz, RL = 8 Ω
0.05%
THD+N
Total harmonic distortion plus noise
VDD = 5.0 V, PO = 2.0 W, f = 1 kHz, RL = 4 Ω
0.32%
VDD = 3.6 V, PO = 1.0 W, f = 1 kHz, RL = 4 Ω
0.11%
VDD = 2.5 V, PO = 0.4 W, f = 1 kHz, RL = 4 Ω
0.12%
AV = 6 dB, Inputs AC grounded with CI = 2 μF,
81
200 mVpp ripple, f = 217 Hz
PSRR
AC power supply rejection ratio
dB
AV = 12 dB, Inputs AC grounded with
82
CI = 2 μF, 200 mVpp ripple, f = 217 Hz
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links : TPA2038D1


Similar Part No. - TPA2038D1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2038D1YFFR TI1-TPA2038D1YFFR Datasheet
753Kb / 22P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2038D1YFFT TI1-TPA2038D1YFFT Datasheet
753Kb / 22P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
More results

Similar Description - TPA2038D1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2038D1 TI1-TPA2038D1 Datasheet
753Kb / 22P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2011D1 TI1-TPA2011D1_17 Datasheet
1Mb / 32P
[Old version datasheet]   3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
TPA2011D1 TI-TPA2011D1 Datasheet
619Kb / 23P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
logo
Fangtek Ltd.
FT2010 FANGTEK-FT2010 Datasheet
759Kb / 18P
   3W Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
FT2011 FANGTEK-FT2011 Datasheet
841Kb / 21P
   3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
logo
Shenzhen Huazhimei Semi...
HM2010 HMSEMI-HM2010 Datasheet
1Mb / 16P
   3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
logo
Texas Instruments
TPA2039D1 TI-TPA2039D1 Datasheet
452Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
TPA2037D1 TI-TPA2037D1_15 Datasheet
905Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2037D1 TI-TPA2037D1 Datasheet
499Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2039D1YFFEVM TI-TPA2039D1YFFEVM Datasheet
738Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com