Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3125D2 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPA3125D2
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3125D2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA3125D2_15 Datasheet HTML 7Page - Texas Instruments TPA3125D2_15 Datasheet HTML 8Page - Texas Instruments TPA3125D2_15 Datasheet HTML 9Page - Texas Instruments TPA3125D2_15 Datasheet HTML 10Page - Texas Instruments TPA3125D2_15 Datasheet HTML 11Page - Texas Instruments TPA3125D2_15 Datasheet HTML 12Page - Texas Instruments TPA3125D2_15 Datasheet HTML 13Page - Texas Instruments TPA3125D2_15 Datasheet HTML 14Page - Texas Instruments TPA3125D2_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
f − Frequency − Hz
20
VCC = 24 V
RL = 8 Ω (BTL)
Gain = 20 dB
100
1k
10k
0.001
10
20k
0.1
G020
1
PO = 5 W
PO = 20 W
0.01
PO = 1 W
PO − Output Power − W
0.01
RL = 8 Ω (BTL)
Gain = 20 dB
0.1
1
10
0.001
0.01
10
40
0.1
G021
1
VCC = 12 V
VCC = 24 V
VCC = 18 V
VCC − Supply Voltage − V
0
5
10
15
20
25
30
35
40
45
50
10
12
14
16
18
20
22
24
26
G023
THD+N = 1%
THD+N = 10%
RL = 8 Ω (BTL)
Gain = 20 dB
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
G024
RL = 8 Ω (BTL)
Gain = 20 dB
VCC = 24 V
TPA3125D2
www.ti.com ........................................................................................................................................................................................... SLOS611 – DECEMBER 2008
TYPICAL CHARACTERISTICS (continued)
All tests are conducted at frequency = 1 kHz unless otherwise noted.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
OUTPUT POWER
Figure 21.
Figure 22.
OUTPUT POWER
EFFICIENCY
vs
vs
SUPPLY VOLTAGE
OUTPUT POWER
Figure 24.
A dashed line represents thermally limited
region.
Figure 23.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPA3125D2


Similar Part No. - TPA3125D2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3125D2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2 Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2101A EUTECH-EUA2101A Datasheet
172Kb / 1P
   10-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D04 TI-TPA032D04_07 Datasheet
625Kb / 28P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI1-TPA032D04_16 Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2_15 Datasheet
1Mb / 43P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com