Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA4860 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPA4860
Description  1-W MONO AUDIO POWER AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA4860 Datasheet(HTML) 2 Page - Texas Instruments

  TPA4860_15 Datasheet HTML 1Page - Texas Instruments TPA4860_15 Datasheet HTML 2Page - Texas Instruments TPA4860_15 Datasheet HTML 3Page - Texas Instruments TPA4860_15 Datasheet HTML 4Page - Texas Instruments TPA4860_15 Datasheet HTML 5Page - Texas Instruments TPA4860_15 Datasheet HTML 6Page - Texas Instruments TPA4860_15 Datasheet HTML 7Page - Texas Instruments TPA4860_15 Datasheet HTML 8Page - Texas Instruments TPA4860_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
TPA4860
SLOS164B – SEPTEMBER 1996 – REVISED JUNE 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
SMALL OUTLINE (D)
–40
°C to 85°C
TPA4860D
over operating free-air temperature range (unless otherwise noted) (1)
UNIT
VDD
Supply voltage
6 V
VI
Input voltage
–0.3 V to VDD +0.3 V
Continuous total power dissipation
Internally Limited (See Dissipation Rating Table)
TA
Operating free-air temperature range
–40
°C to 85°C
Tstg
Storage temperature range
–65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
D
1250 mW
10 mW/
°C
800 mW
650 mW
MIN
MAX
UNIT
VDD
Supply voltage
2.7
5.5
V
VDD = 3.3 V
1.25
2.7
V
VIC
Common-mode input voltage
VDD = 5 V
1.25
4.5
V
TA
Operating free-air temperature
–40
85
°C
2


Similar Part No. - TPA4860_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA4860D TI-TPA4860D Datasheet
430Kb / 25P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860D TI-TPA4860D Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860DR TI-TPA4860DR Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860DRG4 TI-TPA4860DRG4 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA4860_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_07 Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860 Datasheet
430Kb / 25P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
88Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_15 Datasheet
575Kb / 18P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_07 Datasheet
746Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com