Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7909-75ATE Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BUK7909-75ATE
Description  N-channel TrenchPLUS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7909-75ATE Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BUK7909-75ATE_15 Datasheet HTML 5Page - NXP Semiconductors BUK7909-75ATE_15 Datasheet HTML 6Page - NXP Semiconductors BUK7909-75ATE_15 Datasheet HTML 7Page - NXP Semiconductors BUK7909-75ATE_15 Datasheet HTML 8Page - NXP Semiconductors BUK7909-75ATE_15 Datasheet HTML 9Page - NXP Semiconductors BUK7909-75ATE_15 Datasheet HTML 10Page - NXP Semiconductors BUK7909-75ATE_15 Datasheet HTML 11Page - NXP Semiconductors BUK7909-75ATE_15 Datasheet HTML 12Page - NXP Semiconductors BUK7909-75ATE_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
BUK7909-75ATE_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 16 February 2009
9 of 15
NXP Semiconductors
BUK7909-75ATE
N-channel TrenchPLUS standard level FET
Fig 9.
Gate-source threshold voltage as a function of
junction temperature
Fig 10. Sub-threshold drain current as a function of
gate-source voltage
Fig 11. Forward transconductance as a function of
drain current; typical values
Fig 12. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
Tj (°C)
−60
180
120
060
03aa32
2
3
1
4
5
VGS(th)
(V)
0
max
typ
min
03aa35
VGS (V)
06
4
2
10−4
10−5
10−2
10−3
10−1
ID
(A)
10−6
min
typ
max
03ni83
0
20
40
60
80
0
25
50
75
100
ID (A)
gfs
(S)
03ni97
0
2000
4000
6000
8000
10-2
10-1
1
10
102
VDS(V)
C
(pF)
Ciss
Coss
Crss


Similar Part No. - BUK7909-75ATE_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7909-75ATE NXP-BUK7909-75ATE Datasheet
235Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-16 February 2009
logo
Nexperia B.V. All right...
BUK7909-75ATE NEXPERIA-BUK7909-75ATE Datasheet
733Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 16 February 2009
More results

Similar Description - BUK7909-75ATE_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7108-40AIE PHILIPS-BUK7108-40AIE_15 Datasheet
209Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03-19 February 2009
BUK7907-40ATC NXP-BUK7907-40ATC Datasheet
240Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
logo
Nexperia B.V. All right...
BUK7905-40AIE NEXPERIA-BUK7905-40AIE Datasheet
721Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 05 - 10 February 2009
BUK7907-40ATC NEXPERIA-BUK7907-40ATC Datasheet
738Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7908-40AIE NEXPERIA-BUK7908-40AIE Datasheet
707Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03 - 17 February 2009
BUK7107-55ATE NEXPERIA-BUK7107-55ATE Datasheet
345Kb / 16P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 19 February 2009
BUK7109-75AIE NEXPERIA-BUK7109-75AIE Datasheet
339Kb / 14P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7107-55AIE NEXPERIA-BUK7107-55AIE Datasheet
338Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
BUK7C10-75AITE NEXPERIA-BUK7C10-75AITE Datasheet
738Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 03 - 17 February 2009
logo
NXP Semiconductors
BUK7105-40ATE NXP-BUK7105-40ATE Datasheet
223Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com