Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS05N70 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SS05N70
Description  700V CoolMOS??C6 Power Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SS05N70 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SS05N70 Datasheet HTML 3Page - Infineon Technologies AG SS05N70 Datasheet HTML 4Page - Infineon Technologies AG SS05N70 Datasheet HTML 5Page - Infineon Technologies AG SS05N70 Datasheet HTML 6Page - Infineon Technologies AG SS05N70 Datasheet HTML 7Page - Infineon Technologies AG SS05N70 Datasheet HTML 8Page - Infineon Technologies AG SS05N70 Datasheet HTML 9Page - Infineon Technologies AG SS05N70 Datasheet HTML 10Page - Infineon Technologies AG SS05N70 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
1
1**N ;__\EGKm ;0 H_gUb LbQ^cYcd_b
(($%'&$
JUf( #(*& ,*+,'+"'-!
H`T[X\X]P`g =PbP KWTTb
GOPZS /
EScS_`S RW]RS QVO_OQaS_W`aWQ`
IOZbS`
AW\&
Gf^&
AOe&
DO_O[SaS_
Ff[P]Z
H\Wa
B]aS ' GS`a 6]\RWaW]\
=X^ST U^`eP`S d^[bPVT
-K<
,*5
M
-?K 6 *N& (> 6 +(/8& ,Z 6 ,/k;
JTdT`aT `TR^dT`g bX\T
1bb
.,,
]a
-J 6 .**N& (> 6 +(/8&
T0>)T1 6 +**8)nc
%aTT bPQ[T -2&
JTdT`aT `TR^dT`g RWP`VT
*bb
,*5
k<
HTPZ `TdT`aT `TR^dT`g Rc``T]b
( bb]
4
9
Final Datasheet


Similar Part No. - SS05N70

ManufacturerPart #DatasheetDescription
logo
Highly Electric Co., Lt...
SS05 HIGHLY-SS05 Datasheet
1Mb / 3P
   SNAP ACTION SWITCH
logo
Sanyo Semicon Device
SS05015M SANYO-SS05015M Datasheet
33Kb / 3P
   Schottky Barrier Diode 15V, 500mA Rectifier
SS05015SH SANYO-SS05015SH Datasheet
31Kb / 3P
   Schottky Barrier Diode 15V, 0.5A Rectifier
SS0503EC SANYO-SS0503EC Datasheet
51Kb / 3P
   Low VF Schottky Barrier Diode 30V, 0.5A Rectifier
SS0503EJ SANYO-SS0503EJ Datasheet
35Kb / 3P
   Schottky Barrier Diode 30V, 500mA Rectifier
More results

Similar Description - SS05N70

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA65R099C6 INFINEON-IPA65R099C6 Datasheet
3Mb / 20P
   CoolMOS??C6 Power Transistor
2011-12-14 revision:2.0
IPB65R280C6 INFINEON-IPB65R280C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-07-26 revision:2.0
IPW60R041C6 INFINEON-IPW60R041C6 Datasheet
868Kb / 13P
   600V CoolMOS C6 Power Transistor
2010-07-12 revision:2.1
IPX60R950C6 INFINEON-IPX60R950C6 Datasheet
1Mb / 18P
   600V CoolMOS??C6 Power Transistor
Rev. 2.5 2020-05-20
IPD60R3K3C6 INFINEON-IPD60R3K3C6 Datasheet
1Mb / 14P
   600V CoolMOS C6 Power Transistor
2010-07-21 revision:2.0
IPD60R2K0C6 INFINEON-IPD60R2K0C6 Datasheet
1Mb / 14P
   600V CoolMOS C6 Power Transistor
2010-07-20 revision:2.0
IPA65R600C6 INFINEON-IPA65R600C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-08-19 revision:2.0
IPW65R070C6 INFINEON-IPW65R070C6 Datasheet
1Mb / 12P
   650V CoolMOS C6 Power Transistor
Rev. 2.0, 2011-03-15
IPI65R190C6 INFINEON-IPI65R190C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
Rev. 2.0, 2011-05-09
IPA60R950C6 INFINEON-IPA60R950C6_14 Datasheet
1Mb / 18P
   600V CoolMOS??C6 Power Transistor
Rev. 2.2, 2014-12-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com