Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301260208 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301260208
Description  Super-Safeway Three Button Station, Two Speed
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301260208 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301260208 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301260208
Status:
Active
Overview:
Push-Button Pendant Products
Description:
Super-Safeway™ Three Button Station, Two Speed
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR32400
General
Product Family
Push Buttons / Testers
Series
130126
Enclosure Rating
N/A
Overview
Push-Button Pendant Products
Product Literature Order No
987650-8071
Product Name
Super-Safeway™
Type
PushButton Pendant Station
UPC
78678875423
Woodhead
Yes
Physical
Cord Diameter
12.70-19.05mm (.500-.750")
Cord Grip Body Size
F3 3/4"
Emergency Stop
No
Material - Body
Rubber
Material - Cord Grip Nut
Non-Metallic
Number of Buttons
3
Number of Speeds
Two
Packaging Type
Carton
Electrical
Voltage - Maximum
250V
Material Info
Old Part Number
4023-2
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130126 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301260208

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301260208 MOLEX1-1301260208_17 Datasheet
34Kb / 1P
   Super-Safeway Three Button Station, Two Speed
More results

Similar Description - 1301260208

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301260208 MOLEX1-1301260208_17 Datasheet
34Kb / 1P
   Super-Safeway Three Button Station, Two Speed
130126-0208 MOLEX11-130126-0208 Datasheet
42Kb / 1P
   Super-Safeway Three Button Station, Two Speed
130126-0200 MOLEX11-130126-0200 Datasheet
42Kb / 1P
   Super-Safeway Two Button Station, Two Speed
1301260200 MOLEX1-1301260200_17 Datasheet
34Kb / 1P
   Super-Safeway Two Button Station, Two Speed
1301260200 MOLEX11-1301260200 Datasheet
46Kb / 1P
   Super-Safeway Two Button Station, Two Speed
130126-0219 MOLEX11-130126-0219 Datasheet
42Kb / 1P
   Super-Safeway Six Button Station, Two Speed
1301260213 MOLEX11-1301260213 Datasheet
35Kb / 1P
   Super-Safeway Four Button Station, Two Speed
130126-0213 MOLEX11-130126-0213 Datasheet
42Kb / 1P
   Super-Safeway Four Button Station, Two Speed
1301260213 MOLEX1-1301260213_17 Datasheet
34Kb / 1P
   Super-Safeway Four Button Station, Two Speed
1301260224 MOLEX1-1301260224_17 Datasheet
34Kb / 1P
   Super-Safeway Eight Button Station, Two Speed
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com