Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29001IROZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL29001IROZ-T7
Description  Light-to-Digital Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29001IROZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL29001IROZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
FN6166.7
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774 | Copyright Intersil Americas
LLC 2005-2008, 2011. All Rights Reserved
I2C Bus is a registered trademark owned by NXP Semiconductors Nethlerlands, B.V
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners
ISL29001
Light-to-Digital Sensor
The ISL29001 is an integrated ambient light sensor with
ADC and I2C interface. With a spectral sensitivity curve
matched to that of the human eye, the ISL29001 provides
15-bit effective resolution while rejecting 50Hz and 60Hz
flicker caused by artificial light sources.
In normal operation, the ISL29001 consumes less than
300µA of supply current. A software power-down mode
controlled via the I2C interface disables all but the I2C
interface. A power-down pin is also provided, which reduces
power consumption to less than 1µA.
The ISL29001 includes an internal oscillator, which provides
100ms automatic integration periods, or can be externally
timed by I2C commands. Both the internal timing and the
illuminance resolution can be adjusted with an external
resistor.
Designed to operate on supplies from 2.5V to 3.3V, the
ISL29001 is specified for operation over the -40°C to +85°C
ambient temperature range. It is packaged in a clear 6 Ld
ODFN package.
Pinout
ISL29001
(6 LD ODFN)
TOP VIEW
Features
• Human Eye Response
• Temperature Compensated
• IR Rejection
• 15-bit Effective Resolution
• Adjustable Resolution: 3 Counts to 15 Counts per lux
• Simple Output Code, Directly Proportional to lux
• 0.3 lux to10,000 lux Range
• 50Hz/60Hz Rejection
•I2C Interface
• 2.5V to 3.3V Supply
• 6 Ld ODFN (2.1mmx2mm)
• Pb-Free (RoHS compliant)
Applications
• Ambient Light Sensing
• Ambient Backlight Control
• Temperature Control Systems
• Contrast Control
• Camera Light Meters
• Lighting Controls
•HVAC
Block Diagram
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL29001IROZ-T7
6 Ld ODFN
L6.2x2.1
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets; molding compounds/die attach materials
and 100% matte tin plate - e3 termination finish, which is RoHS
compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the
Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device
information page for ISL29001. For more information on MSL
please see tech brief TB466.
1
2
3
6
5
4
VDD
GND
REXT
SDA
SCL
PD
THERMAL
PAD
VDD
REXT
GND
PD
SDA
SCL
COMMAND
REGISTER
INTEGRATING
ADC
DATA
REGISTER
I2C
PHOTODIODE 1
PHOTODIODE 2
MUX
3
2
4
5
6
1
FOSC
IREF
COUNTER
216
Data Sheet
November 17, 2011


Similar Part No. - ISL29001IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29001IROZ-T7 INTERSIL-ISL29001IROZ-T7 Datasheet
227Kb / 11P
   Light-to-Digital Sensor
More results

Similar Description - ISL29001IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29001 INTERSIL-ISL29001 Datasheet
227Kb / 11P
   Light-to-Digital Sensor
logo
Texas Instruments
OPT3002 TI1-OPT3002 Datasheet
331Kb / 8P
[Old version datasheet]   Light-to-Digital Sensor
logo
Intersil Corporation
ISL76683_1103 INTERSIL-ISL76683_1103 Datasheet
594Kb / 17P
   Light-to-Digital Output Sensor
logo
ams AG
TSL2540 AMSCO-TSL2540 Datasheet
540Kb / 37P
   ALS, Light-to-Digital Sensor
TSL2541 AMSCO-TSL2541 Datasheet
716Kb / 38P
   ALS, Light-to-Digital Sensor
2018-Jan-23
logo
Intersil Corporation
ISL29002 INTERSIL-ISL29002 Datasheet
196Kb / 10P
   Light-to-Digital I2C Sensor
logo
ams AG
TSL2540 AMSCO-TSL2540_V01 Datasheet
552Kb / 37P
   ALS, Light-to-Digital Sensor
2019-Mar-20
logo
Intersil Corporation
ISL29034 INTERSIL-ISL29034_14 Datasheet
387Kb / 15P
   Integrated Digital Light Sensor
April 9, 2014
logo
Everlight Electronics C...
ALS-PDIC17-79NB-TR8 EVERLIGHT-ALS-PDIC17-79NB-TR8_15 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor
logo
ams AG
TSL4531 AMSCO-TSL4531 Datasheet
655Kb / 17P
   DIGITAL AMBIENT LIGHT SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com