Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29003IROZ-EVAL Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL29003IROZ-EVAL
Description  Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29003IROZ-EVAL Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL29003IROZ-EVAL Datasheet HTML 5Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 6Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 7Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 8Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 9Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 10Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 11Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 12Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FN7464.6
November 17, 2011
INTEGRATION TIME IN EXTERNAL TIMING MODE
This timing mode is programmed in the command register
00(hex) bit 5. External Timing Mode is recommended when
integration time can be synchronized to an external signal
(such as a PWM) to eliminate noise.
For Mode1 or Mode2 operation, the integration starts when
the sync_iic command is sent over the I2C lines. The device
needs two sync_iic commands to complete a photodiode
conversion. The integration then stops when another
sync_iic command is received. Writing a logic 1 to the
sync_iic bit ends the current ADC integration and starts
another one.
For Mode3, the operation is a sequential Mode1 and Mode2.
The device needs three sync_iic commands to complete two
photodiode measurements. The 1st sync_iic command starts
the conversion of the Diode1. The 2nd sync_iic completes the
conversion of Diode1 and starts the conversion of Diode2.
The 3rd sync_iic pulse ends the conversion of Diode2 and
starts over again to commence conversion of Diode1.
The integration time, tint, is determined by Equation 12:
iI
2
C is the number of I
2C clock cycles to obtain the t
int.
fI
2
C is the I
2C operating frequency.
The internal oscillator, fOSC, operates identically in both the
internal and external timing modes, with the same
dependence on REXT. However, in External Timing Mode,
the number of clock cycles per integration is no longer fixed
at 2n. The number of clock cycles varies with the chosen
integration time, and is limited to 216 = 65,536. In order to
avoid erroneous lux readings, the integration time must be
short enough not to allow an overflow in the counter register.
fOSC = 327kHz*100kΩ/REXT. When Range/Gain is set to
Range1 or Range2.
fOSC = 655kHz*100kΩ/REXT. When Range/Gain is set to
Range3 or Range4.
Noise Rejection
In general, integrating type ADC’s have excellent
noise-rejection characteristics for periodic noise sources
whose frequency is an integer multiple of the integration
time. For instance, a 60Hz AC unwanted signal’s sum from
0ms to k*16.66ms (k = 1,2...ki) is zero. Similarly, setting the
device’s integration time to be an integer multiple of the
periodic noise signal greatly improves the light sensor output
signal in the presence of noise.
DESIGN EXAMPLE 1
The ISL29003 will be designed in a portable system. The
ambient light conditions that the device will be exposed to is
at most 500 lux, which is a good office lighting. The light
source has a 50/60Hz power line noise, which is not visible
by the human eye. The I2C clock is 10kHz.
Solution 1
Using Internal Timing Mode
In order to achieve both 60Hz and 50Hz AC noise rejection,
the integration time needs to be adjusted to coincide with an
integer multiple of the AC noise cycle times.
The first instance of integer values at which tint rejects both
60Hz and 50Hz is when i = 6, and j = 5.
Next, the Gain/Range needs to be determined. Based on the
application condition given, lux(max) = 500 lux, a range of
1000 lux is desirable. This corresponds to a Gain/Range
Range1 mode. Also impose a resolution of n = 16-bit.
Hence, we choose Equation 10 to determine REXT.
The Full Scale Range, FSR, needs to be determined from
Equation 3:
The effective transfer function becomes:
TABLE 13. INTEGRATION TIMES FOR TYPICAL REXT VALUES
REXT
(k
Ω)
RANGE1
RANGE2
RANGE3
RANGE4
n = 16-BIT
n = 12-BIT
n = 12-BIT
n = 4
50
100
6.4
3.2
0.013
100**
200
13
6.5
0.025
200
400
26
13
0.050
500
1000
64
32
0.125
*Integration time in milliseconds
**Recommended REXT resistor value
t
int
i
I
2
C
f
I
2
C
----------
=
(EQ. 12)
t
int
65,535
f
OSC
------------------
<
(EQ. 13)
t
int
i1 60Hz
() j1 50Hz
()
=
=
(EQ. 14)
t
int
61 60Hz
() 51 50Hz
()
=
=
(EQ. 15)
t
int
100ms
=
for Internal Timing Mode and Gain/Range is set to Range3 or Range4 only
R
EXT
t
int
327kHz
100
×
×
k
Ω
2
n
-------------------------------------------------------------
=
R
EXT
50k
Ω
=
(EQ. 16)
FSR
1000 lux
100k
Ω
50k
Ω
------------------
=
FSR
2000 lux
=
(EQ. 17)
E
data
2
16
-------------
2000 lux
×
=
(EQ. 18)
ISL29003


Similar Part No. - ISL29003IROZ-EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29003IROZ-EVAL INTERSIL-ISL29003IROZ-EVAL Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ-EVAL INTERSIL-ISL29003IROZ-EVAL Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
More results

Similar Description - ISL29003IROZ-EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
   Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com