Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29011IROZ-EVALZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL29011IROZ-EVALZ
Description  Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29011IROZ-EVALZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL29011IROZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29011IROZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29011IROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29011IROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29011IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29011IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29011IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29011IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29011IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ISL29018
5
FN6619.4
October 8, 2012
VREF
Voltage of REXT Pin
0.52
V
IINT
INT Current Sinking Capability
4
5
mA
IIRDR1
IRDR Source Current
IS<1:0> = 0
(Note 8)
15
Ω at IRDR pin
100
mA
IIRDR2
IRDR Source Current
IS<1:0> = 1
(Note 8)
44
50
58
mA
IIRDR3
IRDR Source Current
IS<1:0> = 2
(Note 8)
25
mA
IIRDR4
IRDR Source Current
IS<1:0> = 3
(Note 8)
12.5
mA
VIRLED
Voltage Head Room of IRDR Pin
IRDR = 90mA, IS<1:0> = 0 (Note 8)
VDD - 1.0
V
tr
Rise Time for IRDR Source Current
RLOAD = 15Ω at IRDR pin, 20% to 80%
35
ns
tf
Fall Time for IRDR Source Current
RLOAD = 15Ω at IRDR pin, 80% to 20%
10
ns
fIRLED1
IR LED Modulation Frequency
Freq = 0 (Note 8)
DC
kHz
fIRLED2
IR LED Modulation Frequency
Freq = 1 (Note 8)
360
kHz
ISUP (IRLED1) Supply Current of Proximity Sensing
IS<1:0> = 0, Freq = 0 (Note 8)
101
mA
ISUP (IRLED2) Supply Current of Proximity Sensing
IS<1:0> = 0, Freq = 1 (Note 8)
51
mA
Duty Cycle
Duty Cycle of IR LED Modulation
50
%
PROX-IR
PROX
Differential ADC Output of IR and
Proximity Sensing With Object Far Away to
Provide No Reflection
IR and proximity sensing with Range 2 and
Scheme 0; 15
Ω @ IRDR pin, IS<1:0> = 0,
Freq = 0; E = 210 lux, Sunlight.
1.0
%
NOTES:
5. VSUP is the common voltage to VDDD and VDDA.
6. 550nm green LED is used in production test. The 550nm LED irradiance is calibrated to produce the same DATA count against an illuminance level
of 300 lux fluorescent light.
7. 850nm infrared LED is used in production test. The 850nm LED irradiance is calibrated to produce the same DATA_IR count against an illuminance
level of 210 lux sunlight at sea level.
8. See “Register Set” on page 10.
Electrical Specifications VSUP(VDDD,VDDA) = 3V, TA = +25°C, REXT = 499kΩ 1% tolerance, 16-bit ADC operation, unless otherwise
specified. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 9)
TYP
MAX
(Note 9)
UNIT
I2C Interface Specifications For SCL and SDA unless otherwise noted, VSUP(VDDD,VDDA) = 3V, TA = +25°C, REXT = 499kΩ 1%
tolerance, 16-bit ADC operation.
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 9)
TYP
MAX
(Note 9)
UNIT
VI2C
Supply Voltage Range for I2C Interface
1.7
3.63
V
fSCL
SCL Clock Frequency
400
kHz
VIL
SCL and SDA Input Low Voltage
0.55
V
VIH
SCL and SDA Input High Voltage
1.25
V
Vhys
Hysteresis of Schmitt Trigger Input
0.05VDD
V
VOL
Low-level output voltage (open-drain) at
4mA sink current
0.4
V
Ii
Input Leakage for each SDA, SCL pin
-10
10
µA
tSP
Pulse width of spikes that must be
suppressed by the input filter
50
ns


Similar Part No. - ISL29011IROZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29011IROZ-EVALZ INTERSIL-ISL29011IROZ-EVALZ Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011IROZ-EVALZ INTERSIL-ISL29011IROZ-EVALZ Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011IROZ-EVALZ INTERSIL-ISL29011IROZ-EVALZ Datasheet
680Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011IROZ-EVALZ INTERSIL-ISL29011IROZ-EVALZ Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
logo
Renesas Technology Corp
ISL29011IROZ-EVALZ RENESAS-ISL29011IROZ-EVALZ Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
More results

Similar Description - ISL29011IROZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018 INTERSIL-ISL29018 Datasheet
633Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Renesas Technology Corp
ISL29018 RENESAS-ISL29018 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Intersil Corporation
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
   Integrated Digital Ambient Light Sensor with Interrupt Function
ISL29021 INTERSIL-ISL29021 Datasheet
583Kb / 12P
   Digital Proximity Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com