Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29027IROZ-T7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL29027IROZ-T7
Description  Proximity Sensor with Intelligent Interrupt and Sleep Modes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29027IROZ-T7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL29027IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ISL29027
8
FN7815.1
February 2, 2012
fixed 110mA current pulse. If this bit is high, the load on IRDR
will see a fixed 220mA current pulse as seen in Figure 5.
When the IR from the LED reaches an object and gets reflected
back into the ISL29027, the reflected IR light is converted into
current as per the IR spectral response shown in Figure 7. One
entire proximity measurement takes 0.54ms for one conversion
(which includes 0.1ms spent driving the LED), and the period
between proximity measurements is decided by PROX_SLP
(sleep time) in (Register 1 Bits 6:4).
Average LED driving current consumption is given by Equation 1.
A typical IRDR scheme is 220mA amplitude pulses every 800ms,
which yields 28μA DC.
Total Current Consumption
Total current consumption is the sum of IDD and IIRDR. The IRDR
pin sinks current (as shown in Figure 5) and the average IRDR
current can be calculated using Equation 1. IDD depends on
voltage and the mode-of-operation, as seen in Figure 9.
Interrupt Function
The ISL29027 has an intelligent interrupt scheme designed to
shift some logic processing away from intensive microcontroller
I2C polling routines (which consume power) and towards a more
independent light sensor, which can instruct a system to “wake
up” or “go to sleep”.
A proximity interrupt event (PROX_FLAG) is governed by the high
and low thresholds in registers 3 and 4 (PROX_LT and PROX_HT).
PROX_FLAG is set when the measured proximity data is more
than the higher threshold X-times-in-a-row (X is set by user; see
next paragraph). The proximity interrupt flag is cleared when the
prox data is lower than the low proximity threshold
X-times-in-a-row, or when the user writes “0” to PROX_FLAG.
Interrupt persistency is another useful option available for
proximity measurements. Persistency requires X-in-a-row
interrupt flags before the INT pin is driven low. Prox have their
own independent interrupt persistency options. See PROX_PRST
bits in Register 2.
VDD Power-up and Power Supply
Considerations
Upon power-up, please ensure a VDD slew rate of 0.5V/ms or
greater. After power-up, or if the user’s power supply temporarily
deviates from our specification (2.25V to 3.63V), Intersil
recommends the user write the following: write 0x00 to register
0x01, write 0x29 to register 0x0F, write 0x00 to register 0x0E,
and write 0x00 to register 0x0F. The user should then wait ~1ms
or more and then rewrite all registers to the desired values. If the
user prefers a hardware reset method instead of writing to test
registers: set VDD = 0V for 1 second or more, power back up at
the required slew rate, and write registers to the desired values.
Power-Down
To put the ISL29027 into a power-down state, the user can set
PROX_EN bits to 0 in Register 1. Or more simply, set all of
Register 1 to 0x00.
Noise Rejection
Charge balancing ADC’s have excellent noise-rejection
characteristics for periodic noise sources whose frequency is an
integer multiple of the conversion rate. For instance, a 60Hz AC
unwanted signal’s sum from 0ms to k*16.66ms (k = 1,2...ki) is zero.
Similarly, setting the device’s integration time to be an integer
multiple of the periodic noise signal greatly improves the light
sensor output signal in the presence of noise. Since wall sockets
may output at 60Hz or 50Hz, our integration time is 0.54ms: the
lowest common integer number of cycles for both frequencies.
Proximity Detection of Various Objects
Proximity sensing relies on the amount of IR reflected back from
objects. A perfectly black object would absorb all light and reflect
no photons. The ISL29027 is sensitive enough to detect black ESD
foam which reflects only 1% of IR. For biological objects, blonde
hair reflects more than brown hair and customers may notice that
skin tissue is much more reflective than hair. IR penetrates into
the skin and is reflected or scattered back from within. As a result,
the proximity count peaks at contact and monotonically decreases
as skin moves away. The reflective characteristics of skin are very
different from that of paper.
FIGURE 5. CURRENT DRIVE MODE OPTIONS
PIN 8 - IRDR
220mA
(PROX_DR = 1)
(IRDR IS HI-Z WHEN
NOT DRIVING)
110mA
(PROX_DR = 0)
IlRDR AVE
;
IlRDR PEAK
;
100
μs
×
TSLEEP
-----------------------------------------------------
=
(EQ. 1)


Similar Part No. - ISL29027IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29027IROZ-T7 INTERSIL-ISL29027IROZ-T7 Datasheet
638Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Renesas Technology Corp
ISL29027IROZ-T7 RENESAS-ISL29027IROZ-T7 Datasheet
679Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results

Similar Description - ISL29027IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29027 RENESAS-ISL29027 Datasheet
679Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29027 INTERSIL-ISL29027 Datasheet
638Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29028A_1103 INTERSIL-ISL29028A_1103 Datasheet
745Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com