Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29027IROZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL29027IROZ-T7
Description  Proximity Sensor with Intelligent Interrupt and Sleep Modes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29027IROZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL29027IROZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29027
The ISL29027 is an integrated infrared light-to-digital converter
with a built-in IR LED driver and I2C Interface (SMBus Compatible).
The flexible interrupt scheme is designed for minimal
microcontroller utilization.
For proximity sensor (Prox) data conversions, the built-in driver turns
on an external infrared LED and the proximity sensor ADC converts
the reflected IR intensity to digital. This ADC rejects ambient IR noise
(such as sunlight) and has a 540μs conversion time.
The ISL29027 provides proximity sensing with a typical 138μA
normal operation current (110μA for sensors and internal circuitry,
~28μA for external LED) with 220mA current pulses for a net 100μs,
repeating every 800ms (or under).
The ISL29027 uses both a hardware pin and software bits to
indicate an interrupt event has occurred. A proximity interrupt is
defined as a measurement over a threshold limit. The user may
also require that proximity interrupts occur at once, up to 16
times in a row before activating the interrupt pin.
The ISL29027 is designed to operate from 2.25V to 3.63V over the
-40°C to +85°C ambient temperature range. It is packaged in a
clear, lead-free 8 lead ODFN package.
Applications
- Mobile Devices: Smart Phone, PDA, GPS
- Computing Devices: Laptop PC, Netbook
- Consumer Devices: LCD-TV, Digital Picture Frame, Digital
Camera
Features
• Works Under All Light Sources Including Sunlight
• Intelligent Interrupt Scheme Simplifies μC Code
Proximity Sensing
• Proximity Sensor with Broad IR Spectrum
- Can Use 850nm and 950nm External IR LEDs
•IR LED Driver with I2C Programmable Sink Currents
-Net 100μs Pulse with 110mA or 220mA Amplitudes
- Periodic Sleep Time up to 800ms Between Pulses
• Ambient IR Noise Cancellation (Including Sunlight)
Intelligent and Flexible Interrupts
• Proximity Interrupt Thresholds
• Adjustable Interrupt Persistency
- 1/4/8/16 Consecutive Triggers Required Before Interrupt
Ultra Low Power
•138μA DC Typical Supply Current for Prox Sensing
-110μA for Sensors and Internal Circuitry
-28μA Typical Current for External IR LED (Assuming 220mA
for 100μs Every 800ms)
•<1.0μA Supply Current When Powered Down
Easy to Use
• Set Registers; Wait for Interrupt
•I2C (SMBus Compatible) Output
• Temperature Compensated
• Tiny ODFN8 2.0x2.1x0.7 (mm) Package
Additional Features
• 1.7V to 3.63V Supply for I2C Interface
• 2.25V to 3.63V Sensor Power Supply
• Pb-Free (RoHS Compliant)
•I2C Address Selection Pin
REXT
GND
SCL
IR PHOTODIODE
LIGHT DATA
4
3
5
2
FOSC
IREF
IRDR
ARRAY
PROCESS
IR
CHANNEL
ADC
8
INT
7
COMMAND
REGISTER
DATA
REGISTER
I2C
IR DRIVER
INTERRUPT
SDA
6
ADDR0
1
FIGURE 1. BLOCK DIAGRAM
February 2, 2012
FN7815.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2011, 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL29027IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29027IROZ-T7 INTERSIL-ISL29027IROZ-T7 Datasheet
638Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Renesas Technology Corp
ISL29027IROZ-T7 RENESAS-ISL29027IROZ-T7 Datasheet
679Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results

Similar Description - ISL29027IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29027 RENESAS-ISL29027 Datasheet
679Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29027 INTERSIL-ISL29027 Datasheet
638Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29028A_1103 INTERSIL-ISL29028A_1103 Datasheet
745Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com