Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29030IROZ-EVALZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL29030IROZ-EVALZ
Description  Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digita Out
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29030IROZ-EVALZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL29030IROZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ISL29030
2
FN6872.1
November 12, 2012
Block Diagram
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
-
T.PAD
Thermal Pad (connect to GND or float)
1IALS
Analog Current Output (Proportional to ALS/IR Data Count: 420µA FSR)
2
VDD
Positive supply: 2.25V to 3.63V
3GND
Ground
4
REXT
External resistor (499k
Ω; 1%) connects this pin to ground
5SCL
I2C clock line
The I2C bus lines can be pulled from 1.7V to above VDD, 3.63V max
6SDA
I2C data line
7INT
Interrupt pin; Logic output (open-drain) for interrupt
8
IRDR
IR LED driver pin - current flows into ISL29030 from LED cathode
VDD
REXT
GND
SCL
IR PHOTODIODE
LIGHT DATA
4
3
5
2
FOSC
IREF
IRDR
ARRAY
ALS PHOTODIODE
PROCESS
ALS AND IR
ARRAY
DUAL CHANNEL
ADCs
8
INT
7
COMMAND
REGISTER
DATA
REGISTER
I2C
IR DRIVER
INTERRUPT
SDA
6
1 IALS
DAC
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
TEMP. RANGE
(°C)
PACKAGE
TAPE AND REEL
(Pb-free)
PKG.
DWG. #
ISL29030IROZ-T7
-40 to +85
8 Ld ODFN
L8.2.1x2.0
ISL29030IROZ-EVALZ
Evaluation Board
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate -
e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL29030. For more information on MSL please see techbrief TB477.


Similar Part No. - ISL29030IROZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29030IROZ-EVALZ RENESAS-ISL29030IROZ-EVALZ Datasheet
853Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
More results

Similar Description - ISL29030IROZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29030 RENESAS-ISL29030 Datasheet
853Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
ISL29030A RENESAS-ISL29030A Datasheet
824Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
logo
Intersil Corporation
ISL29030AIROZ-T7 INTERSIL-ISL29030AIROZ-T7 Datasheet
502Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
November 12, 2012
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com