Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29038IROZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL29038IROZ-T7
Description  Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29038IROZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL29038IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29038IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29038IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29038IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29038IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29038IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29038IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29038IROZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29038IROZ-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ISL29038
6
FN7851.1
January 23, 2015
Submit Document Feedback
ISL29038 Configuration and
Control
I2C Interface
ISL29038 configuration and control is performed using the I2C
or SMBus. The ISL29038’s I2C interface slave address is
internally hard wired as 8’b1000100x, where x denotes the R/W
bit.
Every I2C transaction begins with the master asserting a start
condition (SDA falling while SCL remains high). The first
transmitted byte is initiated by the master and includes 7
address bits and a R/W bit. The slave is responsible for pulling
SDA low during the ACK time after every transmitted byte.
Figure 5 shows a sample one-byte read. The I2C bus master
always drives the SCL (clock) line, while either the master or the
slave can drive the SDA (data) line.
Each I2C transaction ends with the master asserting a stop
condition (SDA rising while SCL remains high). For more
information about the I2C standard, consult the PhilipsI2C
specification documents.
Timing specifications are included in “I2C Electrical
Specifications” on page 4. The timing parameters are defined in
Figure 4.
The I2C interface on the ISL29038 supports single and multiple
byte read and write transfers using the random-read/write
protocol. The ISL29038 does not support I2C ‘Repeat Start’
protocol.
NOTE: That in most system implementations, the ISL29038 is connected
to a single I2C master with one or more slave devices, consequently,
absence of ‘Repeat Start’ function does not adversely affect I2C bus
system performance.
FIGURE 5. I2C DRIVER TIMING DIAGRAM FOR MASTER AND SLAVE CONNECTED TO COMMON BUS
START
W A
A
A6 A5 A4 A3 A2 A1 A0 W A R7 R6 R5 R4 R3 R2 R1 R0 A
A6 A5 A4 A3 A2 A1 A0 W A
A
A
A D7 D6 D5 D4 D3D2 D1D0
13
5
7
13
57
1 2 3
4 5
6
9
2
4
6
STOP START
SDA DRIVEN BY MASTER
DEVICE ADDRESS
SDA DRIVEN BY ISL29038
DATA BYTE0
REGISTER ADDRESS
SLAVE
DEVICE ADDRESS
I2C DATA
SDA DRIVEN BY MASTER
SDA DRIVEN BY MASTER
24
68 9
2
468 9
7
8
1
3
5
7 8
9
I2C SDA
I2C SDA
I2C CLK
MASTER
(ISL29038)


Similar Part No. - ISL29038IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
ISL29038IROZ-T7 XICOR-ISL29038IROZ-T7 Datasheet
560Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Renesas Technology Corp
ISL29038IROZ-T7 RENESAS-ISL29038IROZ-T7 Datasheet
729Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
More results

Similar Description - ISL29038IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
ISL29038 XICOR-ISL29038 Datasheet
560Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Renesas Technology Corp
ISL29038 RENESAS-ISL29038 Datasheet
729Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29147 RENESAS-ISL29147 Datasheet
711Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Intersil Corporation
ISL29147 INTERSIL-ISL29147 Datasheet
126Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29147IROMZ-T7 INTERSIL-ISL29147IROMZ-T7 Datasheet
413Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 6, 2015
ISL29038 INTERSIL-ISL29038 Datasheet
186Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Maxim Integrated Produc...
MAX44000 MAXIM-MAX44000 Datasheet
1Mb / 24P
   Ambient and Infrared Proximity Sensor
Rev 0; 10/11
logo
Intersil Corporation
ISL29029 INTERSIL-ISL29029 Datasheet
761Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028 INTERSIL-ISL29028 Datasheet
466Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com