Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29043IROMZ-EVALZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL29043IROMZ-EVALZ
Description  Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29043IROMZ-EVALZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL29043IROMZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ISL29043
5
FN7935.0
February 9, 2012
tHD:STA
Hold Time (Repeated) START Condition
After this period, the first clock pulse is
generated.
600
ns
tLOW
LOW Period of the SCL Clock
Measured at the 30% of VDD crossing.
1300
ns
tHIGH
HIGH period of the SCL Clock
600
ns
tSU:STA
Set-up Time for a Repeated START Condition
600
ns
tHD:DAT
Data Hold Time
30
ns
tSU:DAT
Data Set-up Time
100
ns
tR
Rise Time of both SDA and SCL Signals
(Note 12)
20 + 0.1xCb
ns
tF
Fall Time of both SDA and SCL Signals
(Note 12)
20 + 0.1xCb
ns
tSU:STO
Set-up Time for STOP Condition
600
ns
tBUF
Bus Free Time Between a STOP and START Condition
1300
ns
Cb
Capacitive Load for Each Bus Line
400
pF
Rpull-up
SDA and SCL System Bus Pull-up Resistor
Maximum is determined by tR and tF
1k
Ω
tVD;DAT
Data Valid Time
0.9
µs
tVD:ACK
Data Valid Acknowledge Time
0.9
µs
VnL
Noise Margin at the Low Level
0.1VDD
V
VnH
Noise Margin at the High Level
0.2VDD
V
NOTES:
11. All parameters in I2C Electrical Specifications table are guaranteed by design and simulation.
12. Cb is the capacitance of the bus in pF.
I2C Electrical Specifications For SCL and SDA unless otherwise noted, VDD = 3V, TA = +25°C, REXT = 499kΩ 1% tolerance
(Note 11). (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 7)
TYP
MAX
(Note 7) UNIT
FIGURE 3. I2C TIMING DIAGRAM


Similar Part No. - ISL29043IROMZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29043IROMZ-EVALZ INTERSIL-ISL29043IROMZ-EVALZ Datasheet
862Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
logo
Renesas Technology Corp
ISL29043IROMZ-EVALZ RENESAS-ISL29043IROMZ-EVALZ Datasheet
1Mb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
More results

Similar Description - ISL29043IROMZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29043 INTERSIL-ISL29043 Datasheet
862Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
ISL29044A INTERSIL-ISL29044A Datasheet
112Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
ISL29044AIROMZ-T7 INTERSIL-ISL29044AIROMZ-T7 Datasheet
610Kb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 19, 2013
ISL29044 INTERSIL-ISL29044 Datasheet
188Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
ISL29044IROMZ-T7 INTERSIL-ISL29044IROMZ-T7 Datasheet
533Kb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
logo
Renesas Technology Corp
ISL29044A RENESAS-ISL29044A Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
ISL29043 RENESAS-ISL29043 Datasheet
1Mb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
ISL29044 RENESAS-ISL29044 Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
logo
Fairchild Semiconductor
FLD00060 FAIRCHILD-FLD00060 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor with Built-in IR LED
logo
AMIC Technology
ASR8800 AMICC-ASR8800 Datasheet
59Kb / 1P
   Ambient Light, Solar_UV_Index, IR and Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com