Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29147IROMZ-EVALZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL29147IROMZ-EVALZ
Description  Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29147IROMZ-EVALZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL29147IROMZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ISL29147
7
FN8409.3
January 6, 2015
Submit Document Feedback
Typical Performance Curves
FIGURE 5. PROXIMITY SENSITIVITY (Note 11)
FIGURE 6. ALS SENSITIVITY (Note 12)
FIGURE 7. PROXIMITY AMBIENT LIGHT REJECTION (Note 13)
FIGURE 8. ALS ANGULAR SENSITIVITY (Note 14)
NOTES:
11. Figure 5 shows ISL29147 Proximity distance sweeps with different IRDR LED current settings using an 18% Grey card reflector.
12. Figure 6 shows ISL29147 Ambient Light Sensor Spectral response when compared to a theoretical CIE 1924 Photopic curve. The ‘Blue’ line shows
the ISL29147 response and the ‘Red’ line depicts the CIE 1924 Photopic curve.
13. Figure 7 shows the ISL29147 Proximity Ambient Light Rejection using a Norwood Solar Emulator. At 40k Lux ambient light level, the Proximity
Washout Count (Reg 0x0D[7:1]) is 127 indicating a saturation in Proximity Signal processing path. The Proximity Washout bit 0x0D[0] is active at
approximately 90% of the maximum level. At 10% initial PROX count (due to optical leakage from IR LED to the ISL29147), the PROX data error is
under 2%. At 50% initial PROX count (severe optical leakage), the PROX data error is about 7%.
14. Figure 8 shows the Ambient Light Sensor Angular Sensitivity of the ISL29147 using a white LED light source.
0
50
100
150
200
250
0
50
100
150
DISTANCE (mm)
IRDR 250mA
IRDR 125mA
0
10
20
30
40
50
60
70
80
90
100
WAVELENGTH (nm)
RANGE: 900 Lux
ALS RESPONSE (BLUE)
CIE 1924 PHOTOPIC CURVE
AMBIENT LIGHT LEVEL (LUX)
0
8k
16k
24k
32k
40k
15
10
5
50%
10%
0
0
10
20
30
40
50
60
70
80
90
100
015
30
45
60
75
90
ANGLE (°)
-90 -75 -60 -45
-30 -15


Similar Part No. - ISL29147IROMZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29147IROMZ-EVALZ RENESAS-ISL29147IROMZ-EVALZ Datasheet
711Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
More results

Similar Description - ISL29147IROMZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
ISL29038 XICOR-ISL29038 Datasheet
560Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Renesas Technology Corp
ISL29038 RENESAS-ISL29038 Datasheet
729Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29147 RENESAS-ISL29147 Datasheet
711Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Intersil Corporation
ISL29147 INTERSIL-ISL29147 Datasheet
126Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29038IROZ-T7 INTERSIL-ISL29038IROZ-T7 Datasheet
431Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 23, 2015
ISL29038 INTERSIL-ISL29038 Datasheet
186Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Maxim Integrated Produc...
MAX44000 MAXIM-MAX44000 Datasheet
1Mb / 24P
   Ambient and Infrared Proximity Sensor
Rev 0; 10/11
logo
Intersil Corporation
ISL29029 INTERSIL-ISL29029 Datasheet
761Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028 INTERSIL-ISL29028 Datasheet
466Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com