Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS54220-LBB Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BTS54220-LBB
Description  SPI Power Controller
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS54220-LBB Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BTS54220-LBB Datasheet HTML 4Page - Infineon Technologies AG BTS54220-LBB Datasheet HTML 5Page - Infineon Technologies AG BTS54220-LBB Datasheet HTML 6Page - Infineon Technologies AG BTS54220-LBB Datasheet HTML 7Page - Infineon Technologies AG BTS54220-LBB Datasheet HTML 8Page - Infineon Technologies AG BTS54220-LBB Datasheet HTML 9Page - Infineon Technologies AG BTS54220-LBB Datasheet HTML 10Page - Infineon Technologies AG BTS54220-LBB Datasheet HTML 11Page - Infineon Technologies AG BTS54220-LBB Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
BTS54220-LBB
Overview
Data Sheet
8
Rev. 2.1, 2014-12-05
The device provides a current sense signal per channel that is multiplexed to the diagnosis pin IS. It can be
enabled and disabled via SPI commands. An over temperature flag per output is provided in the SPI diagnosis
word. A multiplexed switch bypass monitor provides short-circuit to
V
S diagnosis.
27 mΩ channels can be configured to bulb or LED mode for maximum flexibility.
The BTS54220-LBB provides a fail-safe feature via a Limp Home Input (LHI) pin and direct Input pins.
The power transistors are built by N-channel vertical power MOSFETs with charge pumps. The device is
monolithically integrated in SMART technology.
Applications
High-side power switch for 12 V in automotive or industrial applications such as lighting, heating, motor driving,
energy and power distribution
Especially designed for standard exterior lighting like high beam, low beam, position light, tail light, brake light,
parking light, license plate light, indicators and equivalent in the LED technology
Replaces electromechanical relays, fuses and discrete circuits
Protective Functions
Reverse battery protection with external components
Short circuit to ground protection
Stable behavior at under voltage
Current limitation
Absolute and dynamic temperature sensor
Thermal shutdown with latch after a limited amount of retries
Overvoltage protection
Loss of ground protection
Electrostatic discharge protection (ESD)
Diagnostic Functions
Multiplexed proportional load current sense signal (IS)
Enable function for current sense signal configurable via SPI
High accuracy of current sense signal at wide load current range
Current sense ratio (
k
ILIS) configurable for LEDs or bulbs
Very fast diagnosis in LED mode
Feedback on over temperature via SPI
Short circuit to
V
S detection
Monitoring of Input pins status
Application Specific Functions
Fail-safe activation via LHI pin and control via input pins
Enhanced electromagnetic compatibility (EMC) for bulbs as well as LEDs
LED mode selection available
SPI with daisy chain capability
Switch bypass monitoring for detecting short circuit to
V
S


Similar Part No. - BTS54220-LBB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS54220-LBA INFINEON-BTS54220-LBA Datasheet
2Mb / 71P
   CMOS compatible parallel input pins for four channels
Rev. 2.0, 2014-05-26
BTS54220-LBE INFINEON-BTS54220-LBE Datasheet
2Mb / 72P
   CMOS compatible parallel input pins for two channels
Rev. 2.0, 2014-05-26
BTS54220-LBF INFINEON-BTS54220-LBF Datasheet
2Mb / 70P
   SPI Power Controller
Rev. 2.1, 2014-12-05
BTS54220-LBF INFINEON-BTS54220-LBF_15 Datasheet
2Mb / 70P
   SPI Power Controller
Rev. 2.1, 2014-12-05
More results

Similar Description - BTS54220-LBB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5590G INFINEON-BTS5590G Datasheet
1Mb / 46P
   SPI Power Controller
Rev. 1.3, October 2007
BTS6480SF INFINEON-BTS6480SF Datasheet
2Mb / 73P
   SPI Power Controller
Rev. 1.0, 2010-04-12
BTS5682E INFINEON-BTS5682E Datasheet
939Kb / 46P
   SPI Power Controller
Rev. 1.0, Jan. 2008
BTS54220-LBF INFINEON-BTS54220-LBF_15 Datasheet
2Mb / 70P
   SPI Power Controller
Rev. 2.1, 2014-12-05
BTS54040-LBF INFINEON-BTS54040-LBF_15 Datasheet
2Mb / 67P
   SPI Power Controller
Rev. 2.1, 2014-12-05
BTS56033-LBB INFINEON-BTS56033-LBB_15 Datasheet
2Mb / 69P
   SPI Power Controller
Rev. 2.1, 2014-12-05
BTS5566G INFINEON-BTS5566G Datasheet
881Kb / 42P
   SPI Power Controller
Rev. 1.3, October 2007
BTS5672E INFINEON-BTS5672E Datasheet
930Kb / 46P
   SPI Power Controller
Rev. 1.0, Jan. 2008
BTS6460SF INFINEON-BTS6460SF Datasheet
2Mb / 72P
   SPI Power Controller
Rev. 1.0, 2010-04-12
BTS5460SF INFINEON-BTS5460SF Datasheet
1Mb / 58P
   SPI Power Controller
Rev. 1.0, 2010-04-12
BTS5662E INFINEON-BTS5662E Datasheet
911Kb / 45P
   SPI Power Controller
Rev. 1.0, Jan. 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com