Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65362 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SKY65362
Description  900 to 930 MHz High-Power RF Front-End
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65362 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SKY65362_11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65362_11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65362_11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65362_11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65362_11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65362_11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65362_11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65362_11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65362_11 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DATA SHEET • SKY65362-11: HIGH-POWER RF FEM
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202886B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • January 9, 2015
3
Electrical and Mechanical Specifications
The absolute maximum ratings of the SKY65362-11 are provided
in Table 2. The recommended operating conditions are specified
in Table 3.
Electrical specifications are provided in Tables 4 through 8. The
state of the SKY65362-11 is determined by the logic provided in
Table 9.
Table 2. SKY65362-11 Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Minimum
Maximum
Units
Supply voltage (no RF)
VCC
–0.3
+6.0
V
Control pin (CSD, CPS, CTX, IALARM, and ANT_SEL) voltage
–0.3
VCC (VCC < 5 V)
V
Operating temperature
TA
–40
+85
C
Storage temperature
TSTG
–40
+125
C
Transmit input power
PIN_TX_MAX
+10
dBm
Receive RF input power @ ANT1 or ANT2 ports
PIN_RX_MAX
+10
dBm
Voltage Standing Wave Ratio @ ANT1 or ANT2 ports
VSWR
10:1
Electrostatic discharge:
Human Body Model (HBM), Class 1C
ESD
1000
V
Note 1: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Table 3. SKY65362-11 Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply voltage
VCC
4.75
5.00
5.25
V
Operating temperature
TA
–40
+25
+85
C


Similar Part No. - SKY65362_11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65362-11 SKYWORKS-SKY65362-11 Datasheet
473Kb / 13P
   900 to 930 MHz High-Power RF Front-End Module
More results

Similar Description - SKY65362_11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65362-11 SKYWORKS-SKY65362-11 Datasheet
473Kb / 13P
   900 to 930 MHz High-Power RF Front-End Module
SE2435L SKYWORKS-SE2435L Datasheet
1Mb / 14P
   860 to 930 MHz High-Power RF Front-End Module
SKY66420-11 SKYWORKS-SKY66420-11 Datasheet
683Kb / 14P
   860 to 930 MHz RF Front-End Module
SKY66421-11 SKYWORKS-SKY66421-11 Datasheet
634Kb / 13P
   860 to 930 MHz RF Front-End Module
SKY65378 SKYWORKS-SKY65378_11 Datasheet
732Kb / 12P
   860 to 930 MHz RF Front-End Module
SKY66423-11 SKYWORKS-SKY66423-11 Datasheet
639Kb / 12P
   860 to 930 MHz RF Front-End Module
logo
Analog Devices
ADF9010 AD-ADF9010 Datasheet
481Kb / 28P
   900 MHz ISM Band Analog RF Front End
REV. 0
ADF9010 AD-ADF9010_17 Datasheet
400Kb / 29P
   900 MHz ISM Band Analog RF Front End
logo
Skyworks Solutions Inc.
SKY65329-NP SKYWORKS-SKY65329-NP Datasheet
800Kb / 13P
   900 MHz Front-End Module
SE2442L SKYWORKS-SE2442L Datasheet
895Kb / 13P
   902 to 928 MHz High-Power RF Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com