Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY66108 Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # SKY66108
Description  2.0 V to 3.6 V supply operation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66108 Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button SKY66108_11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 13Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DATA SHEET • SKY66108-11: 2.4 GHz SMART ENERGY/ZIGBEE FRONT-END MODULE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202969B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • April 16, 2015
9
Y1904
1 VCC1
TRXP
VB_IN
N/C
TRXN
N/C
ANT
GND
CTX
CSD
2
3
4
5
14
15
13
12
11
6
78
9
10
20
19
18
17
16
×
C3
100 nF
C6
10 pF
C5
10 pF
C12
1 pF
L2
2.7 nH
VB
C2
100 nF
21
××
CTX
CSD
ANT
C11
1 pF
CRX
CPS
C8
10 pF
C4
100 nF
VCC
VCC
L1
3.6 nH
C1
2.2 μF
TRXP
L3
DNI
TRXN
See Note 1
Note 1:
There are two ways that the SKY66108-11 input can be interface single ended:
1. One input can be terminated with 50
Ω to ground, the other input impedance is 50 Ω.
2. One input can be shorted to ground, the other input impedance is 100
Ω.
Figure 5. SKY66108-11 Evaluation Board Reference Design Schematic


Similar Part No. - SKY66108_11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66108-11 SKYWORKS-SKY66108-11 Datasheet
1Mb / 13P
   2.4 GHz ZigBee/Smart Energy Front-End Module
More results

Similar Description - SKY66108_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221_15 Datasheet
1Mb / 19P
   Wide supply voltage range from 2.3 V to 3.6 V
Rev. 4-19 June 2013
logo
Texas Instruments
SN74AUC2G34 TI-SN74AUC2G34 Datasheet
529Kb / 13P
[Old version datasheet]   Optimized for 1.8-V Operation and Is 3.6-V I/O Tolerant to Support Mixed-Mode Signal Operation
logo
Vishay Siliconix
TFDU6300 VISHAY-TFDU6300 Datasheet
214Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation
Rev. 1.8, 03-Jul-08
logo
Texas Instruments
TLV0831C TI1-TLV0831C_14 Datasheet
696Kb / 21P
[Old version datasheet]    8-Bit Resolution 2.7 V to 3.6 V VCC Easy Microprocessor Interface or Standalone Operation
logo
NXP Semiconductors
K60P120M100SF2 NXP-K60P120M100SF2 Datasheet
2Mb / 72P
   Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
K60P100M100SF2 NXP-K60P100M100SF2 Datasheet
2Mb / 76P
   Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
K60P100M100SF2V2 NXP-K60P100M100SF2V2 Datasheet
1Mb / 80P
   Voltage range: 1.71 to 3.6 V
Rev. 3, 6/2013
logo
IXYS Corporation
CPC5620 IXYS-CPC5620 Datasheet
519Kb / 18P
   3.3 or 5 V power supply operation
logo
Analog Devices
ADM3307E AD-ADM3307E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
logo
Vishay Siliconix
TFDU6301 VISHAY-TFDU6301 Datasheet
217Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation and Low-Voltage Logic (1.8 V)
Rev. 1.8, 03-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com