Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY77570 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY77570
Description  Quad-band cellular handsets encompassing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77570 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY77570_12 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77570_12 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203216A • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice. • June 17, 20143
1
PRODUCT SUMMARY
SKY77570-12 Tx-Rx Front-End Module for Quad-Band GSM /
GPRS / EDGE and TD-SCDMA with 6-Band Antenna Switch
Support
Applications
• Quad-band cellular handsets
encompassing
- Class 4 GSM850/900
- Class 1 DCS1800/PCS1900
- Class 12 GPRS
multi-slot operation
- EDGE linear modulation
- 6-band WCDMA antenna switch
support
- TD-SCDMA bands 39/34
Features
• Small, low profile package
- 6 mm x 6 mm x 0.9 mm
- 42-pad configuration
• High efficiency
• Tx-VCO-to-antenna and
antenna-to-Rx-SAW filter RF
interface
• Single RF input
Description
SKY77570-12 is a transmit and receive Front End Module (FEM) designed in a very low profile
(0.9 mm), compact form factor for quad-band cellular handsets comprising GSM850/900,
DCS1800, and PCS1900 operation—a complete transmit VCO-to-Antenna and Antenna-to-
receive SAW filter solution. The FEM also supports Class 12 General Packet Radio Service
(GPRS) multi-slot operation, EDGE Linear Modulation, and TD-SCDMA (B39/B34). WCDMA
switch-through support is provided by four dedicated high-linearity ports.
The module consists of a GSM850/900 PA and DCS1800/PCS1900 PA block, impedance-
matching circuitry for 50
Ω input and output impedances, Tx harmonic filtering, high linearity-
low insertion loss switches, and a Multi-Function power amplifier Control (MFC) block.The
internal MFC function and interface circuitry is provided by a BiCMOS IC.
Fabricated in InGaP/GaAs, the Heterojunction Bipolar Transistor (HBT) PA blocks support the
GSM850/900 bands, DCS1800/PCS1900 bands, and TD-SCDMA 39/34 bands. Both PA blocks
share common power supply pads to distribute current. The output of the PA block and the
outputs to the eight receive pads connect to the antenna pad through a highly linear antenna
switch. The WCDMA and Rx ports feature a near 0 V DC offset level, which eliminates any need
for external blocking capacitors. The InGaP/GaAs die, switch die, Silicon (Si) controller die, and
passive components are mounted on a multi-layer laminate substrate and the entire assembly
is encapsulated with plastic overmold.
The SKY77570-12 RF I/O ports are internally matched to a 50
Ω load to reduce the number of
external components for a quad-band design. Extremely low leakage current of the FEM
maximizes handset standby time. Band selection and control of transmit and receive RF signal
flows are performed via six external control pads (see Figure 1). Mode of operation, Tx, Rx,
Band (GSM850, GSM900, DCS, PCS, and UMTS) are controlled through the 7 logic inputs
LB_EN, HB_EN, MODE0, MODE1, SW0, SW1, and SPDT.


Similar Part No. - SKY77570_12

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77570-12 SKYWORKS-SKY77570-12 Datasheet
82Kb / 2P
   Tx-Rx Front-End Module for Quad-Band GSM /GPRS / EDGE and TD-SCDMA with 6-Band Antenna Switch Support
More results

Similar Description - SKY77570_12

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77576 SKYWORKS-SKY77576_11 Datasheet
85Kb / 2P
   Quad-band cellular handsets encompassing
SKY77585 SKYWORKS-SKY77585 Datasheet
88Kb / 2P
   Quad-band cellular handsets encompassing
SKY77573 SKYWORKS-SKY77573_21 Datasheet
84Kb / 2P
   Quad-band cellular handsets encompassing
SKY77573 SKYWORKS-SKY77573_31 Datasheet
82Kb / 2P
   Quad-band cellular handsets encompassing
SKY77590 SKYWORKS-SKY77590 Datasheet
87Kb / 2P
   Quad-band cellular handsets encompassing
SKY77580 SKYWORKS-SKY77580 Datasheet
79Kb / 2P
   Dual-band cellular handsets encompassing
SKY77916 SKYWORKS-SKY77916_11 Datasheet
96Kb / 2P
   Cellular handsets encompassing Quad-Band GSM-EDGE
logo
Guangdong Youtai Semico...
BST23AXX2V UMW-BST23AXX2V Datasheet
411Kb / 5P
   Cellular Handsets and Accessories
logo
Shanghai Leiditech Elec...
ESD1221 LEIDITECH-ESD1221 Datasheet
676Kb / 4P
   Cellular Handsets and Accessories
logo
WJ Communication. Inc.
MH303 WJCI-MH303_06 Datasheet
103Kb / 3P
   Cellular-band Quad-FET Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com