Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4242EJ Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4242EJ
Description  1 Channel High Side Current Source up to 500mA
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4242EJ Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4242EJ Datasheet HTML 2Page - Infineon Technologies AG TLE4242EJ Datasheet HTML 3Page - Infineon Technologies AG TLE4242EJ Datasheet HTML 4Page - Infineon Technologies AG TLE4242EJ Datasheet HTML 5Page - Infineon Technologies AG TLE4242EJ Datasheet HTML 6Page - Infineon Technologies AG TLE4242EJ Datasheet HTML 7Page - Infineon Technologies AG TLE4242EJ Datasheet HTML 8Page - Infineon Technologies AG TLE4242EJ Datasheet HTML 9Page - Infineon Technologies AG TLE4242EJ Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
6
Revision1.0
2015-03-13
Infineon® LITIX™ Linear
TLE4242EJ
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Table 4-1
Absolute Maximum Ratings1)
Tj = -40°C to +150°C; all voltages with respect to ground, positive current flowing into pin for input pins,
positive currents flowing out of pin for output pins (unless otherwise specified)
1) Not subject to production test, specified by design.
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Voltages
Input voltage
VI
-42
45
V
P_4.1.1
Output voltage
VQ
-1
40
V
P_4.1.2
Status output voltage
VST
-0.3
40
V
P_4.1.3
Status delay voltage
VD
-0.3
7
V
P_4.1.4
Reference input voltage
VREF
-1
16
V
P_4.1.5
PWM input voltage
VPWM
-40
40
V
P_4.1.6
Currents
Input current
II
A
internally limited P_4.1.7
Output current
IQ
A
internally limited P_4.1.8
Status output current
IST
-5
5
mA
P_4.1.9
Status delay current
ID
-1
1
mA
in off-state
10 min
P_4.1.17
Reference input current
IREF
-2
2
mA
P_4.1.10
PWM input current
IPWM
-1
1
mA
P_4.1.11
Temperatures
Junction Temperature
Tj
-40
150
°C
P_4.1.12
Storage Temperature
Tstg
-55
150
°C
P_4.1.13
ESD Susceptibility
ESD Susceptibility
VESD
-2
2
kV
HBM2)
2) ESD susceptibility, HBM according to ANSI/ESDA/JEDEC JS001 (1.5k Ω, 100 pF)
P_4.1.14
ESD Susceptibility
VESD
-500
500
V
CDM3)
3) ESD susceptibility, Charged Device Model “CDM” ESDA STM5.3.1 or ANSI/ESD S.5.3.1
P_4.1.15
ESD Susceptibility Pin 1, 4, 5, 8
(corner pins) to GND
VESD1,4,5,8
-750
750
V
CDM3)
P_4.1.16


Similar Part No. - TLE4242EJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4242G INFINEON-TLE4242G Datasheet
270Kb / 13P
   Adjustable LED Driver
Rev. 1.0, 2004-01-01
TLE4242G INFINEON-TLE4242G Datasheet
536Kb / 14P
   Adjustable LED Driver Wide input voltage range up to 42 V Low drop voltage
Rev. 1.1, 2007-03-20
TLE4242G INFINEON-TLE4242G_07 Datasheet
536Kb / 14P
   Adjustable LED Driver Wide input voltage range up to 42 V Low drop voltage
Rev. 1.1, 2007-03-20
More results

Similar Description - TLE4242EJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD1124EL INFINEON-TLD1124EL_15 Datasheet
1Mb / 29P
   1 Channel High Side Current Source
Rev. 1.1, 2015-03-19
TLD1125EL INFINEON-TLD1125EL Datasheet
1Mb / 36P
   1 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1120EL INFINEON-TLD1120EL_15 Datasheet
1Mb / 24P
   1 Channel High Side Current Source
Rev. 1.1, 2015-03-19
TLD1121EL INFINEON-TLD1121EL_15 Datasheet
1Mb / 31P
   1 Channel High Side Current Source
Rev. 1.1, 2015-03-19
TLD1121EL INFINEON-TLD1121EL Datasheet
1Mb / 31P
   1 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1124EL INFINEON-TLD1124EL Datasheet
1Mb / 29P
   1 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1125EL INFINEON-TLD1125EL_15 Datasheet
1Mb / 36P
   1 Channel High Side Current Source
Rev. 1.1, 2015-03-19
TLD1124EL INFINEON-TLD1124EL Datasheet
1Mb / 29P
   1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1125EL INFINEON-TLD1125EL Datasheet
1Mb / 36P
   1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1121EL INFINEON-TLD1121EL Datasheet
1Mb / 31P
   1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com