Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY77577 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY77577
Description  Class 12 GPRS multi-slot operation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77577 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY77577_11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77577_11 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203113A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • January 17, 2014
1
PRODUCT SUMMARY
SKY77577-11 Tx-Rx Front-End Module for Quad-Band GSM /
GPRS / EDGE w/ 4-Band Antenna Switch Support and
HB PA Output for SGLTE Applications
Applications
• Quad-band cellular handsets
encompassing
• Class 4 GSM850/900
• Class 1 DCS1800/PCS1900
• Class 12 GPRS
multi-slot operation
• EDGE linear modulation
• 4-Band WCDMA antenna switch
support
Features
• Small, low profile package
- 6 mm x 6 mm x 0.9 mm
- 42-pad configuration
• High efficiency
GSM LB
- 47% High Power
- 29% Medium Power
- 15% Low Power
- 5% Ultra Low Power
• High efficiency
GSM HB at GSMHB TX module pin
- 46% High Power
- 29% Medium Power
- 14% Low Power
- 5% Ultra Low Power
• Tx-VCO-to-antenna and
antenna-to-Rx-SAW filter RF
interface
• Single RF input
Description
SKY77577-11 is a transmit and receive Front End Module (FEM) designed in a very low profile
(0.9 mm), compact form factor for quad-band cellular handsets comprising GSM850/900,
DCS1800, and PCS1900 operation—a complete transmit VCO-to-Antenna and Antenna-to-
receive SAW filter solution. The FEM also supports Class 12 General Packet Radio Service
(GPRS) multi-slot operation, and EDGE Linear Modulation. WCDMA switch-through support is
provided by four dedicated high-linearity ports. High band TX (DCS1800/PCS1900) is brought
out to a module pin for SGLTE applications.
The module consists of a GSM850/900 PA and DCS1800/PCS1900 PA block, impedance-
matching circuitry for 50
Ω input and output impedances, Tx harmonic filtering, high linearity-
low insertion loss switches, and a Multi-Function power amplifier Control (MFC) block.The
internal MFC function and interface circuitry is provided by a BiCMOS IC. .
Fabricated in InGaP/GaAs, the Heterojunction Bipolar Transistor (HBT) PA blocks support the
GSM850/900 bands and DCS1800/PCS1900 bands. Both PA blocks share common power
supply pads to distribute current. The output of the PA block and the outputs to the eight
receive pads connect to the antenna pad through a highly linear antenna switch. The WCDMA
and Rx ports feature a near 0 volts DC offset level, which eliminates any need for external
blocking capacitors. The InGaP/GaAs die, switch die, Silicon (Si) controller die, and passive
components are mounted on a multi-layer laminate substrate and the entire assembly is
encapsulated with plastic overmold.
The SKY77577-11 RF I/O ports are internally matched to a 50
Ω load to reduce the number of
external components for a quad-band design. Extremely low leakage current of the FEM
maximizes handset standby time. Band selection and control of transmit and receive RF signal
flows are performed via six external control pads (see Figure 1). Mode of operation, Tx, Rx,
Band (GSM850, GSM900, DCS, PCS, and UMTS) are controlled through the 7 logic inputs
M0DE0, MODE1, MODE3, MODE4, SW0, SW1, and SW2.


Similar Part No. - SKY77577_11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77577-11 SKYWORKS-SKY77577-11 Datasheet
91Kb / 2P
   Tx-Rx Front-End Module for Quad-Band GSM / GPRS / EDGE w/ 4-Band Antenna Switch Support and HB PA Output for SGLTE Applications
More results

Similar Description - SKY77577_11

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MS2203 NJSEMI-MS2203 Datasheet
121Kb / 2P
   CLASS A OPERATION
logo
List of Unclassifed Man...
9201 ETC2-9201 Datasheet
2Mb / 4P
   Multi-ranging operation
logo
Xilinx, Inc
DS606 XILINX-DS606 Datasheet
1Mb / 32P
   Multi-master operation
logo
Laird Tech Smart Techno...
SMS69273 LSTD-SMS69273 Datasheet
600Kb / 2P
   Multi-band operation
logo
M/A-COM Technology Solu...
MAGX-000035-045000 MA-COM-MAGX-000035-045000 Datasheet
946Kb / 8P
   Broadband Class AB Operation
logo
Agilent(Hewlett-Packard...
ACPM-7891 HP-ACPM-7891 Datasheet
218Kb / 23P
   Agilent ACPM-7891 Tri-Band Power Amplifier Module EGSM, DCS and PCS Multi-slot GPRS
logo
Advantech Co., Ltd.
GPRS-100 ADVANTECH-GPRS-100 Datasheet
231Kb / 1P
   Embedded GPRS Modem
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
   GSM & GPRS MODEM
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com