Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4678 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4678
Description  Low Drop Out Linear Voltage Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4678 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4678_15 Datasheet HTML 6Page - Infineon Technologies AG TLE4678_15 Datasheet HTML 7Page - Infineon Technologies AG TLE4678_15 Datasheet HTML 8Page - Infineon Technologies AG TLE4678_15 Datasheet HTML 9Page - Infineon Technologies AG TLE4678_15 Datasheet HTML 10Page - Infineon Technologies AG TLE4678_15 Datasheet HTML 11Page - Infineon Technologies AG TLE4678_15 Datasheet HTML 12Page - Infineon Technologies AG TLE4678_15 Datasheet HTML 13Page - Infineon Technologies AG TLE4678_15 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Datasheet
10
Rev. 1.2, 2014-10-17
TLE4678
General Product Characteristics
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards.
For more information, go to
www.jedec.org.
Parameter
Symbol
Limit Values
Unit
Conditions
Number
Min.
Typ.
Max.
TLE4678GM (PG-DSO-14)
Junction – Soldering Point RthJSP
27
K/W
Pins 3 - 5 and 10 - 12
fixed to TA 1)
1) Not subject to production test; specified by design.
4.3.1
Junction – Ambient
RthJA
104
K/W
Footprint only 1) 2)
2) Specified RthJA value is according to JEDEC JESD 51-3 at natural convection on FR4 1s0p board; The Product
(Chip+Package) was simulated on a 76.2
× 114.3 × 1.5 mm3 board with 1 copper layer (1 x 70µm Cu).
4.3.2
73
K/W
300 mm2 PCB
heatsink area 1) 2)
4.3.3
65
K/W
600 mm2 PCB
heatsink area 1) 2)
4.3.4
–63
K/W
2s2p PCB 1) 3)
3) Specified RthJA value is according to JEDEC JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The Product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm³ board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm
Cu). Where applicable a thermal via array under the exposed pad contacted the first inner copper layer.
4.3.5
TLE4678EL (PG-SSOP-14)
Junction to Case
RthJC
–10
K/W
– 1)
4.3.6
Junction to Ambient
RthJA
140
K/W
Footprint only 1) 2)
4.3.7
63
K/W
300mm2 PCB
heatsink area 1) 2)
4.3.8
53
K/W
600mm2 PCB
heatsink area 1) 2)
4.3.9
–47
K/W
2s2p PCB 1) 3)
4.3.10


Similar Part No. - TLE4678_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4678-2 INFINEON-TLE4678-2 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
TLE4678-2LD INFINEON-TLE4678-2LD Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2014-03-03
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4678EL INFINEON-TLE4678EL Datasheet
642Kb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.1, August 2009
More results

Similar Description - TLE4678_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
TLF4949 INFINEON-TLF4949 Datasheet
1Mb / 23P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
IFX4949 INFINEON-IFX4949 Datasheet
1Mb / 21P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
TLE4675 INFINEON-TLE4675 Datasheet
570Kb / 25P
   Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.0, Sept. 2008
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com