Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4678GM Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4678GM
Description  Low Drop Out Linear Voltage Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4678GM Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4678GM Datasheet HTML 3Page - Infineon Technologies AG TLE4678GM Datasheet HTML 4Page - Infineon Technologies AG TLE4678GM Datasheet HTML 5Page - Infineon Technologies AG TLE4678GM Datasheet HTML 6Page - Infineon Technologies AG TLE4678GM Datasheet HTML 7Page - Infineon Technologies AG TLE4678GM Datasheet HTML 8Page - Infineon Technologies AG TLE4678GM Datasheet HTML 9Page - Infineon Technologies AG TLE4678GM Datasheet HTML 10Page - Infineon Technologies AG TLE4678GM Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Datasheet
7
Rev. 1.2, 2014-10-17
TLE4678
Pin Configuration
3.4
Pin Definitions and Functions PG-SSOP-14
Pin
Symbol Function
1WO
Watchdog Output
Open collector output with an internal pull-up resistor to the output Q.
An additional external pull-up resistor to the output Q is optional.
Leave open if the watchdog function is not needed.
3WADJ
Watchdog Activating Threshold Adjust
An external resistor to GND determines the watchdog activating threshold.
Connect directly to GND for disabling the watchdog.
Connect directly to GND if the watchdog function is not needed.
Connect to output Q via 270 kΩ resistor for permanently activating the watchdog.
4GND
IC Ground
Interconnect with the exposed pad and heatsink area on PCB.
5D
Reset Delay and Watchdog Timing
Connect a ceramic capacitor D (pin 5) to GND for reset delay and watchdog timing
adjustment.
Leave only open if both, the reset and the watchdog function are not needed.
7RADJ
Reset Switching Threshold Adjust
For reset threshold adjustment connect to a voltage divider from output Q to GND.
For triggering the reset at the internally determined threshold, connect this pin
directly to GND.
Connect directly to GND if the reset function is not needed.
8WI
Watchdog Input
Positive edge triggered input, usable for microcontroller monitoring.
Connect to GND if the watchdog function is not needed.
10
Q
5 V Regulator Output
Block to GND with a capacitor close to the IC pins, respecting capacitance and ESR
requirements given in the Chapter 4.2 Functional Range.
12
I
Regulator Input and IC Supply
For compensating line influences, a capacitor to GND close to the IC pins is
recommended.
14
RO
Reset Output
Open collector output with an internal pull-up resistor to the output Q.
An additional external pull-up resistor to the output Q is optional.
Leave open if the reset function is not needed.
2, 6, 9,
11, 13
n. c.
Internally not connected
Connection to GND on PCB recommended.
Exposed pad
Connect to heat sink area on PCB. Interconnect with GND.


Similar Part No. - TLE4678GM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4678GM INFINEON-TLE4678GM Datasheet
642Kb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.1, August 2009
More results

Similar Description - TLE4678GM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
TLF4949 INFINEON-TLF4949 Datasheet
1Mb / 23P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
IFX4949 INFINEON-IFX4949 Datasheet
1Mb / 21P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
TLE4675 INFINEON-TLE4675 Datasheet
570Kb / 25P
   Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.0, Sept. 2008
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com