Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS203B0 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLS203B0
Description  Linear Voltage Post Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS203B0 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLS203B0_15 Datasheet HTML 3Page - Infineon Technologies AG TLS203B0_15 Datasheet HTML 4Page - Infineon Technologies AG TLS203B0_15 Datasheet HTML 5Page - Infineon Technologies AG TLS203B0_15 Datasheet HTML 6Page - Infineon Technologies AG TLS203B0_15 Datasheet HTML 7Page - Infineon Technologies AG TLS203B0_15 Datasheet HTML 8Page - Infineon Technologies AG TLS203B0_15 Datasheet HTML 9Page - Infineon Technologies AG TLS203B0_15 Datasheet HTML 10Page - Infineon Technologies AG TLS203B0_15 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TLS203B0
Pin Configuration
Data Sheet
7
Rev. 1.2, 2015-01-12
8 (DSO-8 EP)
9, 10 (TSON-10)
I
Input.
The device is supplied by the input pin I. A capacitor at the input pin is
required if the device is more than 6 inches away from the main input filter
capacitor or if a non-negligible inductance is present at the input I 4). The
TLS203B0 is designed to withstand reverse voltages on the input pin I with
respect to GND and output Q. In the case of reverse input (e.g. due to a wrongly
attached battery) the device will act as if there is a diode in series with its input. In
this way there will be no reverse current flowing into the regulator and no reverse
voltage will appear at the load. Hence, the device will protect both - the device
itself and the load.
9 (DSO-8 EP)
11 (TSON-10)
Tab
Exposed Pad.
To ensure proper thermal performance, solder Pin 11 of TSON-10
to the PCB ground and tie directly to Pin 6. In the case of DSO-8 EP as well solder
Pin 9 to the PCB ground and tie directly to Pin 6 (GND).
1) A maximum value of 10 nF can be used for reducing output voltage noise over the bandwidth from 10 Hz to 100 kHz.
2) Normally several microamperes.
3) Typical value is 1 µA.
4) In general the output impedance of a battery rises with frequency, so it is advisable to include a bypass capacitor in battery-
powered circuits. Depending on actual conditions an input capacitor in the range of 1 to 10 µF is sufficient.
Pin
Symbol
Function


Similar Part No. - TLS203B0_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS203B0EJV INFINEON-TLS203B0EJV Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS203B0EJV33 INFINEON-TLS203B0EJV33 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS203B0EJV50 INFINEON-TLS203B0EJV50 Datasheet
2Mb / 25P
   Low Dropout, Low Noise, 5V, 300mA
Rev. 1.1, 2015-01-15
TLS203B0LDV INFINEON-TLS203B0LDV Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS203B0LDV33 INFINEON-TLS203B0LDV33 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
More results

Similar Description - TLS203B0_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS205B0 INFINEON-TLS205B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS208D1 INFINEON-TLS208D1_15 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS208D1 INFINEON-TLS208D1 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS205B0 INFINEON-TLS205B0_15 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS203B0 INFINEON-TLS203B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS205B0EJV50 INFINEON-TLS205B0EJV50_15 Datasheet
2Mb / 25P
   Linear Voltage Post Regulator
Rev. 1.1, 2015-01-15
TLS202B1MBV33 INFINEON-TLS202B1MBV33 Datasheet
892Kb / 18P
   Fixed Linear Voltage Post Regulator
Rev. 1.0, 2015-06-23
TLS202B1V50 INFINEON-TLS202B1V50 Datasheet
563Kb / 19P
   Fixed Linear Voltage Post Regulator
Rev. 1.0 2017-05-31
TLS202A1 INFINEON-TLS202A1 Datasheet
922Kb / 18P
   Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
TLS202A1MBV INFINEON-TLS202A1MBV Datasheet
928Kb / 18P
   Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com