Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS203B0EJV33 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLS203B0EJV33
Description  Linear Voltage Post Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS203B0EJV33 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLS203B0EJV33 Datasheet HTML 7Page - Infineon Technologies AG TLS203B0EJV33 Datasheet HTML 8Page - Infineon Technologies AG TLS203B0EJV33 Datasheet HTML 9Page - Infineon Technologies AG TLS203B0EJV33 Datasheet HTML 10Page - Infineon Technologies AG TLS203B0EJV33 Datasheet HTML 11Page - Infineon Technologies AG TLS203B0EJV33 Datasheet HTML 12Page - Infineon Technologies AG TLS203B0EJV33 Datasheet HTML 13Page - Infineon Technologies AG TLS203B0EJV33 Datasheet HTML 14Page - Infineon Technologies AG TLS203B0EJV33 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
TLS203B0
Electrical Characteristics
Data Sheet
11
Rev. 1.2, 2015-01-12
5
Electrical Characteristics
Table 4
Electrical Characteristics
-40 °C <
T
j < 125 °C; all voltages with respect to ground; positive current defined flowing out of pin; unless
otherwise specified.
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.
Minimum Operating Voltage 1)
Minimum Operating Voltage
V
I,min
–1.8
2.3
V
I
Q =300 mA
2) 3)
P_5.0.1
Output Voltage 4)
TLS203B0EJV33
TLS203B0LDV33
V
Q
3.220
3.30
3.380
V
1 mA <
I
Q <300 mA ;
4.3 V <
V
I <20V
P_5.0.2
TLS203B0EJV
TLS203B0LDV
V
Q
1.190
1.220 1.250
V
1 mA <
I
Q <300 mA ;
2.3V <
V
I <20V
3)
P_5.0.3
Line Regulation
TLS203B0EJV33
TLS203B0LDV33
V
Q
–1
20
mV
V
I = 3.8 V to 20 V ;
I
Q =1mA
P_5.0.4
TLS203B0EJV
TLS203B0LDV
V
Q
–1
20
mV
V
I = 2.0 V to 20 V ;
I
Q =1mA
3)
P_5.0.5
Load Regulation
TLS203B0EJV33
TLS203B0LDV33
V
Q
–6
15
mV
T
J =25°C;VI =4.3 V ;
I
Q = 1 to 300 mA
P_5.0.6
TLS203B0EJV33
TLS203B0LDV33
V
Q
––
28
mV
V
I =4.3 V ;
I
Q =1to 300mA
P_5.0.7
TLS203B0EJV
TLS203B0LDV
V
Q
–3
8
mV
T
J =25°C ; VI =2.3 V;
I
Q = 1 to 300 mA
3)
P_5.0.8
TLS203B0EJV
TLS203B0LDV
V
Q
––
12
mV
V
I =2.3 V ;
I
Q = 1 to 300 mA
3)
P_5.0.9
Dropout Voltage 2) 5) 6)
Dropout Voltage
V
DR
130
190
mV
I
Q =10 mA; VI = VQ,nom ;
T
J =25°C
P_5.0.10
Dropout Voltage
V
DR
250
mV
I
Q =10 mA; VI = VQ,nom
P_5.0.11
Dropout Voltage
V
DR
170
220
mV
I
Q =50 mA; VI = VQ,nom ;
T
J =25°C
P_5.0.12
Dropout Voltage
V
DR
320
mV
I
Q =50 mA; VI = VQ,nom
P_5.0.13
Dropout Voltage
V
DR
200
240
mV
I
Q =100 mA ;
V
I = VQ,nom ; TJ =25°C
P_5.0.14
Dropout Voltage
V
DR
340
mV
I
Q =100 mA ; VI = VQ,nom
P_5.0.15
Dropout Voltage
V
DR
270
300
mV
I
Q =300 mA ;
V
I = VQ,nom ; TJ =25°C
P_5.0.16
Dropout Voltage
V
DR
400
mV
I
Q =300 mA ; VI = VQ,nom
P_5.0.17
Quiescent Current
Quiescent Current 7)
(Active-Mode, EN-pin high)
I
q
–30
60
µA
V
I = VQ,nom ;
I
Q =0mA
P_5.0.18


Similar Part No. - TLS203B0EJV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS203B0EJV33 INFINEON-TLS203B0EJV33 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
More results

Similar Description - TLS203B0EJV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS205B0 INFINEON-TLS205B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS208D1 INFINEON-TLS208D1_15 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS208D1 INFINEON-TLS208D1 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS205B0 INFINEON-TLS205B0_15 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS203B0 INFINEON-TLS203B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS205B0EJV50 INFINEON-TLS205B0EJV50_15 Datasheet
2Mb / 25P
   Linear Voltage Post Regulator
Rev. 1.1, 2015-01-15
TLS202B1MBV33 INFINEON-TLS202B1MBV33 Datasheet
892Kb / 18P
   Fixed Linear Voltage Post Regulator
Rev. 1.0, 2015-06-23
TLS202B1V50 INFINEON-TLS202B1V50 Datasheet
563Kb / 19P
   Fixed Linear Voltage Post Regulator
Rev. 1.0 2017-05-31
TLS202A1 INFINEON-TLS202A1 Datasheet
922Kb / 18P
   Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
TLS202A1MBV INFINEON-TLS202A1MBV Datasheet
928Kb / 18P
   Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com