Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS810C1EJV33 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLS810C1EJV33
Description  Ultra Low Quiescent Current Linear Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS810C1EJV33 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLS810C1EJV33 Datasheet HTML 3Page - Infineon Technologies AG TLS810C1EJV33 Datasheet HTML 4Page - Infineon Technologies AG TLS810C1EJV33 Datasheet HTML 5Page - Infineon Technologies AG TLS810C1EJV33 Datasheet HTML 6Page - Infineon Technologies AG TLS810C1EJV33 Datasheet HTML 7Page - Infineon Technologies AG TLS810C1EJV33 Datasheet HTML 8Page - Infineon Technologies AG TLS810C1EJV33 Datasheet HTML 9Page - Infineon Technologies AG TLS810C1EJV33 Datasheet HTML 10Page - Infineon Technologies AG TLS810C1EJV33 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TLS810C1EJV33
General Product Characteristics
Data Sheet
7
Rev. 1.0, 2015-02-11
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Notes
1. Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are not
designed for continuous repetitive operation.
Table 1
Absolute Maximum Ratings1)
T
j = -40 °C to +150 °C; all voltages with respect to ground (unless otherwise specified)
1) Not subject to production testing, specified by design.
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Voltage Input
Voltage
V
I
-0.3
45
V
P_4.1.1
Voltage Output Q
Voltage
V
Q
-0.3
7
V
P_4.1.2
Reset Output RO, Reset Delay D
Voltage
V
RO, VD
-0.3
7
V
P_4.1.3
Temperatures
Junction Temperature
T
j
-40
150
°C
P_4.1.4
Storage Temperature
T
stg
-55
150
°C
P_4.1.5
ESD Absorption
ESD Absorption
V
ESD,HBM
-2
–2kV
HBM2)
2) ESD HBM Test according to AEC-Q100-002 - JESD22-A114 (1.5kOhm, 100pF)
P_4.1.6
ESD Absorption
V
ESD,CDM
-750
750
V
CDM3) at all pins
3) ESD CDM Test according to ESDA STM5.3.1
P_4.1.7


Similar Part No. - TLS810C1EJV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS810A1LDV33 INFINEON-TLS810A1LDV33 Datasheet
947Kb / 21P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810A1LDV50 INFINEON-TLS810A1LDV50 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-15
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS810B1EJV33 INFINEON-TLS810B1EJV33 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
TLS810B1EJV33 INFINEON-TLS810B1EJV33 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
More results

Similar Description - TLS810C1EJV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805B1LDV33 INFINEON-TLS805B1LDV33 Datasheet
998Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810A1LDV33 INFINEON-TLS810A1LDV33 Datasheet
947Kb / 21P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810B1EJV50 INFINEON-TLS810B1EJV50 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
TLS810A1LDV50 INFINEON-TLS810A1LDV50 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-15
TLS810B1EJV33 INFINEON-TLS810B1EJV33 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com