Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MCP2510-ISO Datasheet(PDF) 35 Page - Microchip Technology

Part No. MCP2510-ISO
Description  Stand-Alone CAN Controller with SPI Interface
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510-ISO Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP2510-ISO Datasheet HTML 31Page - Microchip Technology MCP2510-ISO Datasheet HTML 32Page - Microchip Technology MCP2510-ISO Datasheet HTML 33Page - Microchip Technology MCP2510-ISO Datasheet HTML 34Page - Microchip Technology MCP2510-ISO Datasheet HTML 35Page - Microchip Technology MCP2510-ISO Datasheet HTML 36Page - Microchip Technology MCP2510-ISO Datasheet HTML 37Page - Microchip Technology MCP2510-ISO Datasheet HTML 38Page - Microchip Technology MCP2510-ISO Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
 2000 Microchip Technology Inc.
Preliminary
DS21291C-page 35
MCP2510
5.0
BIT TIMING
All nodes on a given CAN bus must have the same
nominal bit rate. The CAN protocol uses Non Return to
Zero (NRZ) coding which does not encode a clock
within the data stream. Therefore, the receive clock
must be recovered by the receiving nodes and syn-
chronized to the transmitters clock.
As oscillators and transmission time may vary from
node to node, the receiver must have some type of
Phase Lock Loop (PLL) synchronized to data transmis-
sion edges to synchronize and maintain the receiver
clock. Since the data is NRZ coded, it is necessary to
include bit stuffing to ensure that an edge occurs at
least every six bit times, to maintain the Digital Phase
Lock Loop (DPLL) synchronization.
The bit timing of the MCP2510 is implemented using a
DPLL that is configured to synchronize to the incoming
data, and provide the nominal timing for the transmitted
data. The DPLL breaks each bit time into multiple seg-
ments made up of minimal periods of time called the
time quanta (TQ).
Bus timing functions executed within the bit time frame,
such as synchronization to the local oscillator, network
transmission delay compensation, and sample point
positioning, are defined by the programmable bit timing
logic of the DPLL.
All devices on the CAN bus must use the same bit rate.
However, all devices are not required to have the same
master oscillator clock frequency. For the different
clock frequencies of the individual devices, the bit rate
has to be adjusted by appropriately setting the baud
rate prescaler and number of time quanta in each seg-
ment.
The nominal bit rate is the number of bits transmitted
per second assuming an ideal transmitter with an ideal
oscillator, in the absence of resynchronization. The
nominal bit rate is defined to be a maximum of 1Mb/s.
Nominal Bit Time is defined as:
TBIT = 1 / NOMlNAL BlT RATE
The nominal bit time can be thought of as being divided
into separate non-overlapping time segments. These
segments are shown in Figure 5-1.
- Synchronization Segment (Sync_Seg)
- Propagation Time Segment (Prop_Seg)
- Phase Buffer Segment 1 (Phase_Seg1)
- Phase Buffer Segment 2 [Phase_Seg2)
Nominal Bit Time = TQ * (Sync_Seg + Prop_Seg +
Phase_Seg1 + Phase_Seg2)
The time segments and also the nominal bit time are
made up of integer units of time called time quanta or
TQ (see Figure 5-1). By definition, the nominal bit time
is programmable from a minimum of 8 TQ to a maxi-
mum of 25 TQ. Also, by definition the minimum nominal
bit time is 1
µs, corresponding to a maximum 1 Mb/s
rate.
FIGURE 5-1:
Bit Time Partitioning
Input Signal
Sync
Prop
Segment
Phase
Segment 1
Phase
Segment 2
Sample Point
TQ


Similar Part No. - MCP2510-ISO

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP2510-ISO MICROCHIP-MCP2510-ISO Datasheet
703Kb / 80P
   Stand-Alone CAN Controller with SPIInterface
12/08/06
More results

Similar Description - MCP2510-ISO

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515T-E MICROCHIP-MCP2515T-E Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515-E MICROCHIP-MCP2515-E Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
   Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
   Stand-Alone CAN Controller With SPI??Interface
2005
MCP2510 MICROCHIP-MCP2510_07 Datasheet
1Mb / 80P
   Stand-Alone CAN Controller with SPI??Interface
2007
ENC28J60 MICROCHIP-ENC28J60_12 Datasheet
1Mb / 102P
   Stand-Alone Ethernet Controller with SPI Interface
10/26/12
ENC28J60 MICROCHIP-ENC28J60_06 Datasheet
1Mb / 96P
   Stand-Alone Ethernet Controller with SPI Interface
2006
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com