Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MCP2510-ISO Datasheet(PDF) 38 Page - Microchip Technology

Part No. MCP2510-ISO
Description  Stand-Alone CAN Controller with SPI Interface
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510-ISO Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP2510-ISO Datasheet HTML 34Page - Microchip Technology MCP2510-ISO Datasheet HTML 35Page - Microchip Technology MCP2510-ISO Datasheet HTML 36Page - Microchip Technology MCP2510-ISO Datasheet HTML 37Page - Microchip Technology MCP2510-ISO Datasheet HTML 38Page - Microchip Technology MCP2510-ISO Datasheet HTML 39Page - Microchip Technology MCP2510-ISO Datasheet HTML 40Page - Microchip Technology MCP2510-ISO Datasheet HTML 41Page - Microchip Technology MCP2510-ISO Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
MCP2510
DS21291C-page 38
Preliminary
 2000 Microchip Technology Inc.
FIGURE 5-3:
Shortening a Bit Period
5.8
Programming Time Segments
Some requirements for programming of the time seg-
ments:
• Prop Seg + Phase Seg 1 >= Phase Seg 2
• Prop Seg + Phase Seg 1 >= TDELAY
• Phase Seg 2 > Sync Jump Width
For example, assuming that a 125 kHz CAN baud rate
with FOSC = 20 MHz is desired:
TOSC = 50 nsec, choose BRP<5:0> = 04h, then TQ =
500nsec. To obtain 125 kHz, the bit time must be 16
TQ.
Typically, the sampling of the bit should take place at
about 60-70% of the bit time, depending on the system
parameters. Also, typically, the TDELAY is 1-2 TQ.
Sync Seg = 1 TQ; Prop Seg = 2 TQ; So setting Phase
Seg 1 = 7 TQ would place the sample at 10 TQ after the
transition. This would leave 6 TQ for Phase Seg 2.
Since Phase Seg 2 is 6, by the rules, SJW could be the
maximum of 4 TQ. However, normally a large SJW is
only necessary when the clock generation of the differ-
ent nodes is inaccurate or unstable, such as using
ceramic resonators. So an SJW of 1 is typically
enough.
5.9
Oscillator Tolerance
The bit timing requirements allow ceramic resonators
to be used in applications with transmission rates of up
to 125 kbit/sec, as a rule of thumb. For the full bus
speed range of the CAN protocol, a quartz oscillator is
required. A maximum node-to-node oscillator variation
of 1.7% is allowed.
Input Signal
Sync
Prop
Segment
Phase
Segment 1
Phase
Segment 2
≤ SJW
Sample
Actual
Nominal
Bit Length
T
Q
Point
Bit Length


Similar Part No. - MCP2510-ISO

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP2510-ISO MICROCHIP-MCP2510-ISO Datasheet
703Kb / 80P
   Stand-Alone CAN Controller with SPIInterface
12/08/06
More results

Similar Description - MCP2510-ISO

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515T-E MICROCHIP-MCP2515T-E Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515-E MICROCHIP-MCP2515-E Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
   Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
   Stand-Alone CAN Controller With SPI??Interface
2005
MCP2510 MICROCHIP-MCP2510_07 Datasheet
1Mb / 80P
   Stand-Alone CAN Controller with SPI??Interface
2007
ENC28J60 MICROCHIP-ENC28J60_12 Datasheet
1Mb / 102P
   Stand-Alone Ethernet Controller with SPI Interface
10/26/12
ENC28J60 MICROCHIP-ENC28J60_06 Datasheet
1Mb / 96P
   Stand-Alone Ethernet Controller with SPI Interface
2006
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz