Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MCP2510-ISO Datasheet(PDF) 40 Page - Microchip Technology

Part No. MCP2510-ISO
Description  Stand-Alone CAN Controller with SPI Interface
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510-ISO Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP2510-ISO Datasheet HTML 36Page - Microchip Technology MCP2510-ISO Datasheet HTML 37Page - Microchip Technology MCP2510-ISO Datasheet HTML 38Page - Microchip Technology MCP2510-ISO Datasheet HTML 39Page - Microchip Technology MCP2510-ISO Datasheet HTML 40Page - Microchip Technology MCP2510-ISO Datasheet HTML 41Page - Microchip Technology MCP2510-ISO Datasheet HTML 42Page - Microchip Technology MCP2510-ISO Datasheet HTML 43Page - Microchip Technology MCP2510-ISO Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 76 page
background image
MCP2510
DS21291C-page 40
Preliminary
 2000 Microchip Technology Inc.
REGISTER 5-2:
CNF2 - Configuration Register2 (ADDRESS: 29h)
REGISTER 5-3:
CNF3 - Configuration Register 3 (ADDRESS: 28h)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
BTLMODE
SAM
PHSEG12 PHSEG11 PHSEG10 PRSEG2 PRSEG1 PRSEG0
R = Readable bit
W = Writable bit
C = Bit can be cleared by
MCU but not set
U = Unimplemented -
reads as ‘0’
- n = Value at POR
reset
bit 7
bit 0
bit 7:
BTLMODE: Phase Segment 2 Bit Time Length
1 = Length of Phase Seg 2 determined by PHSEG22:PHSEG20 bits of CNF3
0 = Length of Phase Seg 2 is the greater of Phase Seg 1 and IPT (2T
Q)
bit 6:
SAM: Sample Point Configuration
1 = Bus line is sampled three times at the sample point
0 = Bus line is sampled once at the sample point
bit 5-3:
PHSEG1<2:0>: Phase Segment 1 Length
111 = Length = 8 x T
Q
-
-
-
000 = Length = 1 x T
Q
bit 2-0
PRSEG<2:0>: Propagation Segment Length
111 = Length = 8 x T
Q
-
-
-
000 = Length = 1 x T
Q
U-0
R/W-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
WAKFIL
PHSEG22 PHSEG21 PHSEG20
R = Readable bit
W = Writable bit
C = Bit can be cleared by
MCU but not set
U = Unimplemented -
reads as ‘0’
- n = Value at POR reset
bit 7
bit 0
bit 7:
Unimplemented: Reads as ’0’
bit 6:
WAKFIL:
0 = Wake-up filter disabled
1 = Wake-up filter enabled
bit 5-3:
Unimplemented: Reads as ’0’
bit 2-0
PHSEG2<2:0>: Phase Segment 2 Length
111 = Length = 8 x TQ
-
-
-
bit 000 = Length = 1 x TQ
Note: Minimum valid setting for Phase Segment 2 is 2TQ


Similar Part No. - MCP2510-ISO

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP2510-ISO MICROCHIP-MCP2510-ISO Datasheet
703Kb / 80P
   Stand-Alone CAN Controller with SPIInterface
12/08/06
More results

Similar Description - MCP2510-ISO

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515T-E MICROCHIP-MCP2515T-E Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515-E MICROCHIP-MCP2515-E Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
   Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
   Stand-Alone CAN Controller With SPI??Interface
2005
MCP2510 MICROCHIP-MCP2510_07 Datasheet
1Mb / 80P
   Stand-Alone CAN Controller with SPI??Interface
2007
ENC28J60 MICROCHIP-ENC28J60_12 Datasheet
1Mb / 102P
   Stand-Alone Ethernet Controller with SPI Interface
10/26/12
ENC28J60 MICROCHIP-ENC28J60_06 Datasheet
1Mb / 96P
   Stand-Alone Ethernet Controller with SPI Interface
2006
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz