Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MCP2510-ISO Datasheet(PDF) 62 Page - Microchip Technology

Part No. MCP2510-ISO
Description  Stand-Alone CAN Controller with SPI Interface
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510-ISO Datasheet(HTML) 62 Page - Microchip Technology

Back Button MCP2510-ISO Datasheet HTML 58Page - Microchip Technology MCP2510-ISO Datasheet HTML 59Page - Microchip Technology MCP2510-ISO Datasheet HTML 60Page - Microchip Technology MCP2510-ISO Datasheet HTML 61Page - Microchip Technology MCP2510-ISO Datasheet HTML 62Page - Microchip Technology MCP2510-ISO Datasheet HTML 63Page - Microchip Technology MCP2510-ISO Datasheet HTML 64Page - Microchip Technology MCP2510-ISO Datasheet HTML 65Page - Microchip Technology MCP2510-ISO Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
MCP2510
DS21291C-page 62
Preliminary
 2000 Microchip Technology Inc.
TABLE 12-2: Oscillator Timing Characteristics
TABLE 12-3: CAN Interface AC Characteristics
TABLE 12-4: CLKOUT Pin AC/DC Characteristics
All parameters apply over the
specified operating ranges unless
otherwise noted.
Industrial (I):
TAMB = -40°C to +85°C
VDD = 3.0V to 5.5V
Automotive (E):
TAMB = -40°C to +125°C
VDD = 4.5V to 5.5V
Parameter
Symbol
Min
Max
Units
Conditions
Clock In Frequency
FOSC
1
1
25
16
MHz
MHz
4.5V to 5.5V
3.0V to 4.5V
Clock In Period
TOSC
40
62.5
1000
1000
ns
ns
4.5V to 5.5V
3.0V to 4.5V
Clock In High, Low Time
TOSL, TOSH
10
ns
Note
Clock In Rise, Fall Time
TOSR, TOSF
15
ns
Note
Duty Cycle (External Clock Input)
TDUTY
.30
.70
TOSH / (TOSH + TOSL)
Note:
This parameter is periodically sampled and not 100% tested.
All parameters apply over the
specified operating ranges
unless otherwise noted.
Industrial (I):
TAMB = -40°C to +85°C
VDD = 3.0V to 5.5V
Automotive (E):
TAMB = -40°C to +125°C
VDD = 4.5V to 5.5V
Parameter
Symbol
Min
Max
Units
Conditions
Wakeup Noise Filter
TWF
50
ns
CLOCKOUT Propagation Delay
TDCLK
100
ns
All parameters apply over the
specified operating ranges
unless otherwise noted.
Industrial (I):
TAMB = -40°C to +85°C
VCC = 3.0V to 5.5V
Automotive (E):
TAMB = -40°C to +125°C
VCC = 4.5V to 5.5V
Parameter
Symbol
Min
Max
Units
Conditions
CLKOUT Pin High Time
thCLKOUT
15
ns
TOSC = 40 ns, CLKOUT prescaler set
to divide by one
CLKOUT Pin Low Time
tlCLKOUT
15
ns
TOSC = 40 ns, CLKOUT prescaler set
to divide by one
CLKOUT Pin Rise Time
trCLKOUT
5
ns
Measured from 0.3 VDD to 0.7 VDD
CLKOUT Pin Fall Time
tfCLKOUT
5
ns
Measured from 0.7 VDD to 0.3 VDD
CLOCKOUT Propagation Delay
tdCLKOUT
100
ns


Similar Part No. - MCP2510-ISO

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP2510-ISO MICROCHIP-MCP2510-ISO Datasheet
703Kb / 80P
   Stand-Alone CAN Controller with SPIInterface
12/08/06
More results

Similar Description - MCP2510-ISO

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515T-E MICROCHIP-MCP2515T-E Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515-E MICROCHIP-MCP2515-E Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
   Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
   Stand-Alone CAN Controller With SPI??Interface
2005
MCP2510 MICROCHIP-MCP2510_07 Datasheet
1Mb / 80P
   Stand-Alone CAN Controller with SPI??Interface
2007
ENC28J60 MICROCHIP-ENC28J60_12 Datasheet
1Mb / 102P
   Stand-Alone Ethernet Controller with SPI Interface
10/26/12
ENC28J60 MICROCHIP-ENC28J60_06 Datasheet
1Mb / 96P
   Stand-Alone Ethernet Controller with SPI Interface
2006
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com