Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MCP2510-IST Datasheet(PDF) 75 Page - Microchip Technology

Part No. MCP2510-IST
Description  Stand-Alone CAN Controller with SPI Interface
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510-IST Datasheet(HTML) 75 Page - Microchip Technology

Back Button MCP2510-IST Datasheet HTML 68Page - Microchip Technology MCP2510-IST Datasheet HTML 69Page - Microchip Technology MCP2510-IST Datasheet HTML 70Page - Microchip Technology MCP2510-IST Datasheet HTML 71Page - Microchip Technology MCP2510-IST Datasheet HTML 72Page - Microchip Technology MCP2510-IST Datasheet HTML 73Page - Microchip Technology MCP2510-IST Datasheet HTML 74Page - Microchip Technology MCP2510-IST Datasheet HTML 75Page - Microchip Technology MCP2510-IST Datasheet HTML 76Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 75 / 76 page
background image
 2000 Microchip Technology Inc.
Preliminary
DS21291C-page 75
MCP2510
LIST OF FIGURES
Figure 1-1:
Block Diagram . . . . . . . . . . . . . . . . . . . . . . 3
Figure 1-2:
Typical System Implementation . . . . . . . . . 4
Figure 1-3:
CAN Buffers and Protocol Engine
Block Diagram . . . . . . . . . . . . . . . . . . . . . . 5
Figure 1-4:
CAN Protocol Engine Block Diagram . . . . . 6
Figure 2-1:
Standard Data Frame . . . . . . . . . . . . . . . . . 9
Figure 2-2:
Extended Data Frame. . . . . . . . . . . . . . . . 10
Figure 2-3:
Remote Data Frame . . . . . . . . . . . . . . . . . 11
Figure 2-4:
Error Frame . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 2-5:
Overload Frame . . . . . . . . . . . . . . . . . . . . 13
Figure 3-1:
Transmit Message Flowchart . . . . . . . . . . 16
Figure 4-1:
Receive Buffer Block Diagram . . . . . . . . . 22
Figure 4-2:
Message Reception Flowchart . . . . . . . . . 23
Figure 4-3:
Message Acceptance Mask and Filter
Operation . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 5-1:
Bit Time Partitioning . . . . . . . . . . . . . . . . . 35
Figure 5-2:
Lengthening a Bit Period . . . . . . . . . . . . . 37
Figure 5-3:
Shortening a Bit Period. . . . . . . . . . . . . . . 38
Figure 6-1:
Error Modes State Diagram . . . . . . . . . . . 42
Figure 8-1:
Crystal/Ceramic Resonator Operation . . . 49
Figure 8-2:
External Clock Source . . . . . . . . . . . . . . . 49
Figure 8-3:
External Series Resonant Crystal Oscillator
Circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Figure 11-1:
Bit Modify . . . . . . . . . . . . . . . . . . . . . . . . . 58
Figure 11-2:
Read Instruction . . . . . . . . . . . . . . . . . . . . 58
Figure 11-3:
Byte Write Instruction . . . . . . . . . . . . . . . . 58
Figure 11-4:
Request To Send Instruction . . . . . . . . . . 59
Figure 11-5:
BIT Modify instruction . . . . . . . . . . . . . . . . 59
Figure 11-6:
Read Status Instruction . . . . . . . . . . . . . . 59
Figure 11-7:
RESET Instruction . . . . . . . . . . . . . . . . . . 60
Figure 11-8:
SPI Input Timing . . . . . . . . . . . . . . . . . . . . 60
Figure 11-9:
SPI Output Timing . . . . . . . . . . . . . . . . . . 60
LIST OF TABLES
Table 1-1:
Pin Descriptions . . . . . . . . . . . . . . . . . . . . . 4
Table 4-10:
Filter/Mask Truth Table. . . . . . . . . . . . . . . 29
Table 7-1:
ICOD<2:0> Decode . . . . . . . . . . . . . . . . . 45
Table 10-1:
CAN Controller Register Map . . . . . . . . . . 55
Table 10-2:
Control Register Summary . . . . . . . . . . . . 55
Table 11-1:
SPI Instruction Set . . . . . . . . . . . . . . . . . . 58
Table 12-1:
DC Characteristics. . . . . . . . . . . . . . . . . . 61
Table 12-2:
Oscillator Timing Characteristics . . . . . . . 62
Table 12-3:
CAN Interface AC Characteristics . . . . . . 62
Table 12-4:
CLKOUT Pin AC/DC Characteristics . . . . 62
Table 12-5:
SPI Interface AC Characteristics . . . . . . . 63
LIST OF REGISTERS
Register 3-1:
TXBnCTRL Transmit Buffer n
Control Register . . . . . . . . . . . . . . . . . . 17
Register 3-2:
TXRTSCTRL - TXnRTS Pin Control and
Status Register . . . . . . . . . . . . . . . . . . . 18
Register 3-3:
TXBnSIDH - Transmit Buffer n
Standard Identifier High. . . . . . . . . . . . . 18
Register 3-4:
TXBnSIDL - Transmit Buffer n
Standard Identifier Low . . . . . . . . . . . . . 19
Register 3-5:
TXBnEID8 - Transmit Buffer n
Extended Identifier High . . . . . . . . . . . . 19
Register 3-6:
TXBnEID0 - Transmit Buffer n
Extended Identifier LOW . . . . . . . . . . . . 19
Register 3-7:
TXBnDLC - Transmit Buffer n
Data Length Code . . . . . . . . . . . . . . . . . 20
Register 3-8:
TXBnDm - Transmit Buffer n
Data Field Byte m . . . . . . . . . . . . . . . . . 20
Register 4-1:
RXB0CTRL - Receive Buffer 0
Control Register . . . . . . . . . . . . . . . . . . 24
Register 4-2:
RXB1CTRL - Receive Buffer 1
Control Register . . . . . . . . . . . . . . . . . . 25
Register 4-3:
BFPCTRL - RXnBF Pin Control and
Status Register . . . . . . . . . . . . . . . . . . . 26
Register 4-4:
RXBnSIDH - Receive Buffer n
Standard Identifier High. . . . . . . . . . . . . 26
Register 4-5:
RXBnSIDL - Receive Buffer n
Standard Identifier Low . . . . . . . . . . . . . 27
Register 4-6:
RXBnEID8 - Receive Buffer n
Extended Identifier Mid . . . . . . . . . . . . . 27
Register 4-7:
RXBnEID0 - Receive Buffer n
Extended Identifier Low. . . . . . . . . . . . . 27
Register 4-8:
RXBnDLC - Receive Buffer n
Data Length Code . . . . . . . . . . . . . . . . . 28
Register 4-9:
RXBnDM - Receive Buffer n
Data Field Byte m . . . . . . . . . . . . . . . . . 28
Register 4-10:
RXFnSIDH - Acceptance Filter n
Standard Identifier High. . . . . . . . . . . . . 30
Register 4-11:
RXFnSIDL - Acceptance Filter n
Standard Identifier Low . . . . . . . . . . . . . 31
Register 4-12:
RXFnEID8 - Acceptance Filter n
Extended Identifier High . . . . . . . . . . . . 31
Register 4-13:
RXFnEID0 - Acceptance Filter n
Extended Identifier Low. . . . . . . . . . . . . 31
Register 4-14:
RXMnSIDH - Acceptance Filter Mask n
Standard Identifier High. . . . . . . . . . . . . 32
Register 4-15:
RXMnSIDL - Acceptance Filter Mask n
Standard Identifier Low . . . . . . . . . . . . . 32
Register 4-16:
RXMnEID8 - Acceptance Filter Mask n
Extended Identifier High . . . . . . . . . . . . 32
Register 4-17:
RXMnEID0 - Acceptance Filter Mask n
Extended Identifier Low. . . . . . . . . . . . . 33
Register 5-1:
CNF1 - Configuration Register1 . . . . . . 39
Register 5-2:
CNF2 - Configuration Register2 . . . . . . 40
Register 5-3:
CNF3 - Configuration Register3 . . . . . . 40
Register 6-1:
TEC - Transmitter Error Counter . . . . . . 42
Register 6-2:
REC - Receiver Error Counter. . . . . . . . 42
Register 6-3:
EFLG - Error Flag Register . . . . . . . . . . 43
Table 7-1:
ICOD<2:0> Decode. . . . . . . . . . . . . . . . 45
Register 7-1:
CANINTE - Interrupt Enable Register . . 46
Register 7-2:
CANINTF - Interrupt FLAG Register . . . 47
Register 9-1:
CANCTRL - CAN Control Register . . . . 52
Register 9-2:
CANSTAT - CAN Status Register . . . . . 53


Similar Part No. - MCP2510-IST

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP2510-ISO MICROCHIP-MCP2510-ISO Datasheet
703Kb / 80P
   Stand-Alone CAN Controller with SPIInterface
12/08/06
More results

Similar Description - MCP2510-IST

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515T-E MICROCHIP-MCP2515T-E Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515-E MICROCHIP-MCP2515-E Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
   Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
   Stand-Alone CAN Controller With SPI??Interface
2005
MCP2510 MICROCHIP-MCP2510_07 Datasheet
1Mb / 80P
   Stand-Alone CAN Controller with SPI??Interface
2007
ENC28J60 MICROCHIP-ENC28J60_12 Datasheet
1Mb / 102P
   Stand-Alone Ethernet Controller with SPI Interface
10/26/12
ENC28J60 MICROCHIP-ENC28J60_06 Datasheet
1Mb / 96P
   Stand-Alone Ethernet Controller with SPI Interface
2006
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz