Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MCP2510-IST Datasheet(PDF) 18 Page - Microchip Technology

Part No. MCP2510-IST
Description  Stand-Alone CAN Controller with SPI Interface
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510-IST Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP2510-IST Datasheet HTML 14Page - Microchip Technology MCP2510-IST Datasheet HTML 15Page - Microchip Technology MCP2510-IST Datasheet HTML 16Page - Microchip Technology MCP2510-IST Datasheet HTML 17Page - Microchip Technology MCP2510-IST Datasheet HTML 18Page - Microchip Technology MCP2510-IST Datasheet HTML 19Page - Microchip Technology MCP2510-IST Datasheet HTML 20Page - Microchip Technology MCP2510-IST Datasheet HTML 21Page - Microchip Technology MCP2510-IST Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 76 page
background image
MCP2510
DS21291C-page 18
Preliminary
 2000 Microchip Technology Inc.
REGISTER 3-2:
TXRTSCTRL - TXNRTS Pin Control and Status Register (ADDRESS: 0Dh)
REGISTER 3-3:
TXBNSIDH - Transmit Buffer N Standard Identifier High (ADDRESS: 31h, 41h, 51h)
U-0
U-0
R-x
R-x
R-x
R/W-0
R/W-0
R/W-0
B2RTS
B1RTS
B0RTS
B2RTSM
B1RTSM
B0RTSM
R = Readable bit
W = Writable bit
C = Bit can be cleared by
MCU but not set
U = Unimplemented - reads
as ‘0’
- n = Value at POR reset
bit 7
bit 0
bit 7:
Unimplemented: Reads as ‘0’
bit 6:
Unimplemented: Reads as ‘0’
bit 5:
B2RTS: TX2RTS Pin State
- Reads state of TX2RTS pin when in digital input mode
- Reads as ‘0’ when pin is in ‘request to send’ mode
bit 4:
B1RTS: TX1RTX Pin State
- Reads state of TX1RTS pin when in digital input mode
- Reads as ‘0’ when pin is in ‘request to send’ mode
bit 3:
B0RTS: TX0RTS Pin State
- Reads state of TX0RTS pin when in digital input mode
- Reads as ‘0’ when pin is in ‘request to send’ mode
bit 2:
B2RTSM: TX2RTS Pin Mode
1 = Pin is used to request message transmission of TXB2 buffer (on falling edge)
0 = Digital input
bit 1:
B1RTSM: TX1RTS Pin Mode
1 = Pin is used to request message transmission of TXB1 buffer (on falling edge)
0 = Digital input
bit 0:
B0RTSM: TX0RTS Pin Mode
1 = Pin is used to request message transmission of TXB0 buffer (on falling edge)
0 = Digital input
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
R = Readable bit
W = Writable bit
C = Bit can be cleared by
MCU but not set
U = Unimplemented -
reads as ‘0’
- n = Value at POR reset
bit 7
bit 0
bit 7-0:
SID<10:3>: Standard Identifier Bits <10:3>


Similar Part No. - MCP2510-IST

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP2510-ISO MICROCHIP-MCP2510-ISO Datasheet
703Kb / 80P
   Stand-Alone CAN Controller with SPIInterface
12/08/06
More results

Similar Description - MCP2510-IST

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515T-E MICROCHIP-MCP2515T-E Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515-E MICROCHIP-MCP2515-E Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
   Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
   Stand-Alone CAN Controller With SPI??Interface
2005
MCP2510 MICROCHIP-MCP2510_07 Datasheet
1Mb / 80P
   Stand-Alone CAN Controller with SPI??Interface
2007
ENC28J60 MICROCHIP-ENC28J60_12 Datasheet
1Mb / 102P
   Stand-Alone Ethernet Controller with SPI Interface
10/26/12
ENC28J60 MICROCHIP-ENC28J60_06 Datasheet
1Mb / 96P
   Stand-Alone Ethernet Controller with SPI Interface
2006
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com