Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM341 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM341
Description  Series 3-Terminal Positive Voltage Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM341 Datasheet(HTML) 2 Page - Texas Instruments

  LM341 Datasheet HTML 1Page - Texas Instruments LM341 Datasheet HTML 2Page - Texas Instruments LM341 Datasheet HTML 3Page - Texas Instruments LM341 Datasheet HTML 4Page - Texas Instruments LM341 Datasheet HTML 5Page - Texas Instruments LM341 Datasheet HTML 6Page - Texas Instruments LM341 Datasheet HTML 7Page - Texas Instruments LM341 Datasheet HTML 8Page - Texas Instruments LM341 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LM341/LM78MXX
SNVS090E – MAY 2004 – REVISED AUGUST 2005
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Lead Temperature (Soldering, 10 seconds)
TO Package (NDT)
300°C
TO-220 Package (NDE)
260°C
Storage Temperature Range
−65°C to +150°C
Operating Junction Temperature Range
−40°C to +125°C
Power Dissipation(3)
Internally Limited
Input Voltage 5V
≤ VO ≤ 15V
35V
ESD Susceptibility
TBD
(1)
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply
when operating the device outside of its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The typical thermal resistance of the three package types is: NDE (TO-220) package:
θ(JA) = 60 °C/W, θ(JC) = 5 °C/W NDT (TO)
package:
θ(JA) = 120 °C/W, θ(JC) = 18 °C/W NDP (PFM) package: θ(JA) = 92 °C/W, θ(JC) = 10 °C/W
LM341-5.0, LM78M05C ELECTRICAL CHARACTERISTICS
Unless otherwise specified: VIN = 10V, CIN = 0.33 μF, CO = 0.1 μF
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the −40°C to +125°C operating
temperature range. Limits are specified by production testing or correlation techniques using standard Statistical Quality
Control (SQC) methods.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VO
Output Voltage
IL= 500 mA
4.8
5.0
5.2
V
5 mA
≤ IL ≤ 500 mA
4.75
5.0
5.25
PD ≤ 7.5W, 7.5V ≤ VIN ≤ 20V
VR LINE
Line Regulation
7.2V
≤ VIN ≤ 25V
IL = 100 mA
50
mV
IL = 500 mA
100
VR LOAD
Load Regulation
5 mA
≤ IL ≤ 500 mA
100
IQ
Quiescent Current
IL = 500 mA
4
10.0
mA
ΔIQ
Quiescent Current Change
5 mA
≤ IL ≤ 500 mA
0.5
7.5V
≤ VIN ≤ 25V, IL = 500 mA
1.0
Vn
Output Noise Voltage
f = 10 Hz to 100 kHz
40
μV
ΔVIN/ΔVO
Ripple Rejection
f = 120 Hz, IL = 500 mA
78
dB
VIN
Input Voltage Required to Maintain
IL = 500 mA
7.2
V
Line Regulation
ΔVO
Long Term Stability
IL = 500 mA
20
mV/khrs
2
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM341/LM78MXX


Similar Part No. - LM341

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM341 NSC-LM341 Datasheet
310Kb / 11P
   3-Terminal Positive Voltage Regulators
logo
Seoul Semiconductor
LM341 SEOUL-LM341 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM341 SEOUL-LM341 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM341 SEOUL-LM341 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM341 SEOUL-LM341 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LM341

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com