Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3480IM3X-12 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3480IM3X-12
Description  LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3480IM3X-12 Datasheet(HTML) 5 Page - Texas Instruments

  LM3480IM3X-12 Datasheet HTML 1Page - Texas Instruments LM3480IM3X-12 Datasheet HTML 2Page - Texas Instruments LM3480IM3X-12 Datasheet HTML 3Page - Texas Instruments LM3480IM3X-12 Datasheet HTML 4Page - Texas Instruments LM3480IM3X-12 Datasheet HTML 5Page - Texas Instruments LM3480IM3X-12 Datasheet HTML 6Page - Texas Instruments LM3480IM3X-12 Datasheet HTML 7Page - Texas Instruments LM3480IM3X-12 Datasheet HTML 8Page - Texas Instruments LM3480IM3X-12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LM3480
www.ti.com
SNVS011H – JUNE 1999 – REVISED SEPTEMBER 2015
6.5 Electrical Characteristics: LM3480-3.3, LM3480-5
Typical and other limits apply for TA = TJ = 25°C, unless otherwise specified. Nominal output voltage (VNOM) = 3.3 V or 5
V.
(1) (2) (3)
VNOM = 3.3 V
VNOM = 5 V
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VIN = VNOM + 1.5 V
3.17
3.3
3.43
4.8
5
5.2
1 mA
≤ IOUT ≤ 100 mA
VOUT
Output voltage
V
VIN = VNOM + 1.5 V
1 mA
≤ IOUT ≤ 100 mA
3.14
3.46
4.75
5.25
−40°C ≤ TJ ≤ 125°C
VNOM + 1.5 V ≤ VIN ≤ 30 V
10
12
IOUT = 1 mA
ΔVOUT
Line regulation
mV
VNOM + 1.5 V ≤ VIN ≤ 30 V
IOUT = 1 mA
25
25
−40°C ≤ TJ ≤ 125°C
VIN = VNOM + 1.5 V
20
20
10 mA
≤ IOUT ≤ 100 mA
ΔVOUT
Load regulation
mV
VIN = VNOM + 1.5 V
10 mA
≤ IOUT ≤ 100 m
40
40
−40°C ≤ TJ ≤ 125°C
VNOM + 1.5 V ≤ VIN ≤ 30 V
2
2
No Load
IGND
Ground pin current
mA
VNOM + 1.5 V ≤ VIN ≤ 30 V
No Load,
4
4
−40°C ≤ TJ ≤ 125°C
IOUT = 10 mA
0.7
0.9
0.7
0.9
V
IOUT = 10 mA
1
1
−40°C ≤ TJ ≤ 125°C
VIN -
Dropoutvoltage
VOUT
IOUT = 100 mA
0.9
1.1
0.9
1.1
V
IOUT = 100 mA
1.2
1.2
−40°C ≤ TJ ≤ 125°C
VIN = 10 V
en
Output noise voltage
100
150
µVrms
Bandwidth: 10 Hz to 100 kHz
(1)
A typical is the center of characterization data taken with TA = TJ = 25°C. Typicals are not ensured.
(2)
All limits are ensured. All electrical characteristics having room-temperature limits are tested during production with TA = TJ = 25°C. All
hot and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(3)
All voltages except dropout are with respect to the voltage at the GND pin.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3480


Similar Part No. - LM3480IM3X-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3480IM3X-12 NSC-LM3480IM3X-12 Datasheet
277Kb / 9P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LM3480IM3X-12 TI-LM3480IM3X-12 Datasheet
996Kb / 15P
[Old version datasheet]   LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
More results

Similar Description - LM3480IM3X-12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3480IM3X-15 TI-LM3480IM3X-15 Datasheet
996Kb / 15P
[Old version datasheet]   LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
TECH PUBLIC Electronics...
TLV76033DBZR TECHPUBLIC-TLV76033DBZR Datasheet
1Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3480IM3X-3.3 TECHPUBLIC-LM3480IM3X-3.3 Datasheet
2Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LM3480 NSC-LM3480 Datasheet
277Kb / 9P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LM3490IM5-12 TI-LM3490IM5-12 Datasheet
1,007Kb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
logo
National Semiconductor ...
LM3490 NSC-LM3490 Datasheet
291Kb / 10P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LM3490 NSC-LM3490_07 Datasheet
310Kb / 12P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Texas Instruments
LM3490IM5-5 TI1-LM3490IM5-5 Datasheet
1Mb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Analog Devices
ADP3307 AD-ADP3307_15 Datasheet
1Mb / 8P
   100 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com