Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2937IMP-10 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM2937IMP-10
Description  500-mA Low Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2937IMP-10 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2937IMP-10 Datasheet HTML 2Page - Texas Instruments LM2937IMP-10 Datasheet HTML 3Page - Texas Instruments LM2937IMP-10 Datasheet HTML 4Page - Texas Instruments LM2937IMP-10 Datasheet HTML 5Page - Texas Instruments LM2937IMP-10 Datasheet HTML 6Page - Texas Instruments LM2937IMP-10 Datasheet HTML 7Page - Texas Instruments LM2937IMP-10 Datasheet HTML 8Page - Texas Instruments LM2937IMP-10 Datasheet HTML 9Page - Texas Instruments LM2937IMP-10 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LM2937
SNVS100F – MARCH 2000 – REVISED JULY 2014
www.ti.com
Electrical Characteristics: LM2937-10 (continued)
Unless otherwise specified: VIN = VOUT(NOM) + 5 V; IOUT(MAX) = 500 mA for the TO-220 and DDPAK/TO-263 packages; IOUT(MAX)
= 400 mA for the SOT-223 package; and COUT = 10 μF. Conditions and the associated Minimum and Maximum limits apply
over the Recommended Operating temperature range for the specific package, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Load regulation
5 mA
≤ IOUT ≤ IOUT(MAX)
10
100
mV
Quiescent Current
(VOUT + 2V) ≤ VIN ≤ 26V, IOUT = 5 mA
2
10
mA
VIN = (VOUT + 5V), IOUT = IOUT(MAX)
10
20
mA
Output noise voltage
10 Hz to 100 kHz, IOUT = 5 mA
300
μVrms
Long-term stability
1000 Hrs.
40
mV
Dropout voltage
IOUT = IOUT(MAX)
0.5
1
V
IOUT = 50 mA
110
250
mV
Short-circuit current
0.6
1
A
Peak line transient voltage
tf < 100 ms, RL = 100 Ω
60
75
V
Maximum operational input voltage
26
V
Reverse DC input voltage
VOUT ≥ −0.6 V, RL = 100 Ω
–15
–30
V
Reverse transient input voltage
tr < 1 ms, RL = 100 Ω
–50
–75
V
6
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM2937


Similar Part No. - LM2937IMP-10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2937IMP-10 NSC-LM2937IMP-10 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937IMP-10 TI1-LM2937IMP-10 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
LM2937IMP-10/NOPB TI1-LM2937IMP-10/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
More results

Similar Description - LM2937IMP-10

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
Toshiba Semiconductor
TA58M05F TOSHIBA-TA58M05F Datasheet
220Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Toshiba Semiconductor
TCR5BM TOSHIBA-TCR5BM Datasheet
1Mb / 16P
   500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
Analog Devices
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com