Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1-3182-8 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS1-3182-8
Description  ARINC 429 Bus Interface Line Driver Circuit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-3182-8 Datasheet(HTML) 1 Page - Intersil Corporation

  HS1-3182-8 Datasheet HTML 1Page - Intersil Corporation HS1-3182-8 Datasheet HTML 2Page - Intersil Corporation HS1-3182-8 Datasheet HTML 3Page - Intersil Corporation HS1-3182-8 Datasheet HTML 4Page - Intersil Corporation HS1-3182-8 Datasheet HTML 5Page - Intersil Corporation HS1-3182-8 Datasheet HTML 6Page - Intersil Corporation HS1-3182-8 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
®
FN2963.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 1997, 2007, 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
HS-3182
ARINC 429 Bus Interface Line Driver
Circuit
The HS-3182 is a monolithic dielectric ally isolated bipolar
differential line driver designed to meet the specifications of
ARINC 429. This device is intended to be used with a
companion chip, HS-3282 CMOS ARINC Bus Interface
Circuit, which provides the data formatting and processor
interface function.
All logic inputs are TTL and CMOS compatible. In addition to
the DATA (A) and DATA (B) inputs, there are also inputs for
CLOCK and SYNC signals which are AND’d with the DATA
inputs. This feature enhances system performance and
allows the HS-3182 to be used with devices other than the
HS-3182.
Three power supplies are necessary to operate the HS-3182:
+V = +15V ±10%, -V = -15V ±10%, and V1 = 5V ±5%. VREF is
used to program the differential output voltage swing such that
VOUT (DIFF) = ±2VREF. Typically, VREF = V1 = 5V ±5%, but a
separate power supply may be used for VREF which should
not exceed 6V.
The driver output impedance is 75
Ω ±20% at +25°C. Driver
output rise and fall times are independently programmed
through the use of two external capacitors connected to the CA
and CB inputs. Typical capacitor values are CA = CB = 75pF for
high-speed operation (100kBPS), and CA = CB = 300pF for
low-speed operation (12kBPS to 14.5kBPS). The outputs are
protected against overvoltage and short circuit as shown in the
Block Diagram. The HS-3182 is designed to operate over an
ambient temperature range of -55°C to +125°C, or -40°C to
+85°C.
Features
• RoHS/Pb-free Available for SBDIP Package (100% Gold
Termination Finish)
• TTL and CMOS Compatible Inputs
• Adjustable Rise and Fall Times via Two External
Capacitors
• Programmable Output Differential Voltage via VREF Input
• Operates at Data Rates Up to 100k Bits/s
• Output Short Circuit Proof and Contains Overvoltage
Protection
• Outputs are Inhibited (0V) If DATA (A) and DATA (B)
Inputs are Both in the “Logic One” State
• DATA (A) and DATA (B) Signals are “AND’d” with Clock
and Sync Signals
• Full Military Temperature Range
Pinouts
HS-3182
(16 LD SBDIP)
TOP VIEW
HS-3182
(28 LD CLCC)
TOP VIEW
TABLE 1. TRUTH TABLE
SYNC CLK DATA (A) DATA (B) AOUT BOUT COMMENTS
XL
X
X
0V
0V
Null
LX
X
X
0V
0V
Null
HH
L
L
0V
0V
Null
HH
L
H
-VREF +VREF
Low
HH
H
L
+VREF -VREF
High
HH
H
H
0V
0V
Null
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
VREF
GND
SYNC
DATA (A)
CA
AOUT
GND
-V
V1
CLK
DATA (B)
CB
BOUT
NC
+V
NC
23
24
25
22
21
20
19
11
3
2
1
4
14
15 16
17 18
12
13
28
27 26
10
5
6
7
8
9
NC
DATA (A)
NC
NC
CA
NC
NC
CLK
NC
DATA (B)
CB
NC
NC
NC
Data Sheet
May 30, 2008


Similar Part No. - HS1-3182-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-3182-8 INTERSIL-HS1-3182-8 Datasheet
196Kb / 7P
   ARINC 429 Bus Interface Line Driver
HS1-3182-8 INTERSIL-HS1-3182-8 Datasheet
201Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
More results

Similar Description - HS1-3182-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3182 INTERSIL-HS-3182 Datasheet
201Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
HS-3182 INTERSIL-HS-3182_07 Datasheet
196Kb / 7P
   ARINC 429 Bus Interface Line Driver
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Device Engineering Inco...
DEI1032 DEIAZ-DEI1032 Datasheet
373Kb / 8P
   ARINC 429 Line Driver Integrated Circuit
DEI1038 DEIAZ-DEI1038 Datasheet
270Kb / 9P
   ARINC 429 Line Driver Integrated Circuit
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585_11 Datasheet
83Kb / 9P
   ARINC 429 Line Driver
HI-8585 HOLTIC-HI-8585_06 Datasheet
137Kb / 8P
   ARINC 429 LINE DRIVER
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com