Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3-15530-9 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HD3-15530-9
Description  CMOS Manchester Encoder-Decoder
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HD3-15530-9 Datasheet(HTML) 1 Page - Intersil Corporation

  HD3-15530-9 Datasheet HTML 1Page - Intersil Corporation HD3-15530-9 Datasheet HTML 2Page - Intersil Corporation HD3-15530-9 Datasheet HTML 3Page - Intersil Corporation HD3-15530-9 Datasheet HTML 4Page - Intersil Corporation HD3-15530-9 Datasheet HTML 5Page - Intersil Corporation HD3-15530-9 Datasheet HTML 6Page - Intersil Corporation HD3-15530-9 Datasheet HTML 7Page - Intersil Corporation HD3-15530-9 Datasheet HTML 8Page - Intersil Corporation HD3-15530-9 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
142
TM
March 1997
HD-15530
CMOS Manchester Encoder-Decoder
Features
• Support of MlL-STD-1553
• Data Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.25 MBit/s
• Sync Identification and Lock-In
• Clock Recovery
• Manchester II Encode, Decode
• Separate Encode and Decode
• Low Operating Power . . . . . . . . . . . . . . . . . 50mW at 5V
Description
The Intersil HD-15530 is a high performance CMOS device
intended to service the requirements of MlL-STD-1553 and
similar Manchester II encoded, time division multiplexed
serial data protocols. This LSI chip is divided into two
sections, an Encoder and a Decoder. These sections
operate completely independent of each other, except for
the Master Reset functions.
This circuit meets many of the requirements of MIL-STD-
1553. The Encoder produces the sync pulse and the parity
bit as well as the encoding of the data bits. The Decoder
recognizes the sync pulse and identifies it as well as decod-
ing the data bits and checking parity.
This integrated circuit is fully guaranteed to support the
1MHz data rate of MlL-STD-1553 over both temperature and
voltage. It interfaces with CMOS, TTL or N channel support
circuitry, and uses a standard 5V supply.
The HD-15530 can also be used in many party line digital
data communications applications, such as an environmen-
tal control system driven from a single twisted pair cable of
fiber optic cable throughout the building.
Pinouts
HD-15530 (CERDIP, PDIP)
TOP VIEW
HD-15530 (CLCC)
TOP VIEW
Ordering Information
PACKAGE
TEMP. RANGE
1.25 MEGABIT/s
PKG. NO.
CERDIP
-40oC to +85oC
HD1-15530-9
F24.6
-55oC to +125oC
HD1-15530-8
SMD#
7802901JA
CLCC
-40oC to +85oC
HD4-15530-9
J28.A
-55oC to +125oC
HD4-15530-8
SMD#
78029013A
PDIP
-40oC to +85oC
HD3-15530-9
E24.6
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
VALID WORD
ENCODER
TAKE DATA
SERIAL DATA OUT
DECODER CLK
BIPOLAR ZERO IN
BIPOLAR ONE IN
UNIPOLAR DATA IN
DECODER SHIFT CLK
COMMAND/
DECODER RESET
GND
VCC
SEND CLK IN
SEND DATA
SYNC SELECT
ENCODER ENABLE
BIPOLAR ONE OUT
BIPOLAR
÷ 6 OUT
MASTER RESET
ENCODER CLK
SERIAL DATA IN
OUTPUT INHIBIT
DATA SYNC
SHIFT CLK
ZERO OUT
23
24
25
22
21
20
19
11
3
2
1
4
14
15
16
17
18
12
13
28
27
26
10
5
6
7
8
9
DECODER
NC
NC
BIPOLAR
BIPOLAR
UNIPOLAR
DECODER
SEND
NC
NC
SYNC
ENCODER
SERIAL
BIPOLAR
CLK
ZERO IN
ONE IN
DATA IN
SHIFT CLK
DATA
SELECT
ENABLE
DATA IN
ONE OUT
FN2960.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved


Similar Part No. - HD3-15530-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD3-15530-9 INTERSIL-HD3-15530-9 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD3-15530-9 INTERSIL-HD3-15530-9 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
logo
Renesas Technology Corp
HD3-15530-9 RENESAS-HD3-15530-9 Datasheet
724Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
More results

Similar Description - HD3-15530-9

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Intersil Corporation
HD-6409 INTERSIL-HD-6409 Datasheet
68Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Aeroflex Circuit Techno...
ACT15530 AEROFLEX-ACT15530 Datasheet
131Kb / 15P
   CMOS Manchester Encoder / Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com