Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50214BVC Datasheet(PDF) 6 Page - Intersil Corporation

Part # HSP50214BVC
Description  Programmable Downconverter
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50214BVC Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HSP50214BVC Datasheet HTML 2Page - Intersil Corporation HSP50214BVC Datasheet HTML 3Page - Intersil Corporation HSP50214BVC Datasheet HTML 4Page - Intersil Corporation HSP50214BVC Datasheet HTML 5Page - Intersil Corporation HSP50214BVC Datasheet HTML 6Page - Intersil Corporation HSP50214BVC Datasheet HTML 7Page - Intersil Corporation HSP50214BVC Datasheet HTML 8Page - Intersil Corporation HSP50214BVC Datasheet HTML 9Page - Intersil Corporation HSP50214BVC Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
I
2
Q
2
+
Q
I
----
⎝⎠
⎛⎞
atan
AOUT(15:0)
BOUT(15:0)
t
d
d
θ
LEVEL
LIMIT
LOOP
FILTER
ERROR
DETECT
NCO
(SYMBOL TRACKING)
MIXER
DECIMATE
FROM 4-32
5TH ORDER
CIC
0 TO 5 HALFBAND FILTER;
DECIMATION UP TO 32
255-TAP
PROGRAMMABLE
FIR FILTER
AGC
RE-SAMPLER
CARTESIAN
TO
POLAR
DISCRIMINATOR
INTERPOLATE
BY 2/4
HALFBAND
(DECIMATE UP TO 16)
IN(13:0)
SEROUTA
SEROUTB
C(7:0)
CONTROL
SECTION
OUTPUT SECTION
CIC, HALFBAND FILTER, AND FIR SECTIONS
INPUT SECTION
SYNCHRONIZATION SECTION
LEVEL DETECT SECTION
DIGITAL AGC SECTION
DISCRIMINATOR SECTION
RE-SAMPLER/INTERPOLATION HALFBAND SECTION
COF
SOF
CLKIN
PROCCLK
COFSYNC
SOFSYNC
A(2:0)
WR
RD
REFCLK
GAINADJ(2:0)
AGCGNSEL
ENI
(CARRIER TRACKING)
MSYNCI
MSYNCO
SYNCOUT
SYNCIN1
SYNCIN2
MICROPROCESSOR
READ/WRITE
SEL(2:0)
SERCLK
SERSYNC
SEROE
OEAH
OEAL
OEBH
OEBL
CARRIER NCO SECTIONS
INTRRP
DIFFERENCE
TIMING ERROR
I
Q
AGCOUT
TO OUTPUT FORMATTER
AGCOUT
A
AND MICROPROCESSOR
INTERFACE
DETECT
NCO
CLKIN
PROCCLK
TO
μPROCESSOR
INTERFACE
63-TAP
PROGRAMMABLE
FIR FILTER
INTRRP
A
FIGURE 1. FUNCTIONAL BLOCK DIAGRAM OF THE HSP50214B PROGRAMMABLE DOWNCONVERTER
CHIP
CIRCUITRY
SYNCHRONIZATION
FRONT END
CIRCUITRY
SYNCHRONIZATION
BACK END
CIRCUITRY
SYNCHRONIZATION
TIMING NCO
DATARDY
(CO = 1;
Cn = 0)
(CO = 1;
Cn = 0)
FILTERS


Similar Part No. - HSP50214BVC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50214BVC INTERSIL-HSP50214BVC Datasheet
573Kb / 60P
   Programmable Downconverter
HSP50214BVC INTERSIL-HSP50214BVC Datasheet
1Mb / 62P
   Programmable Downconverter
logo
Renesas Technology Corp
HSP50214BVC RENESAS-HSP50214BVC Datasheet
2Mb / 62P
   Programmable Downconverter
logo
Intersil Corporation
HSP50214BVCZ INTERSIL-HSP50214BVCZ Datasheet
1Mb / 62P
   Programmable Downconverter
logo
Renesas Technology Corp
HSP50214BVCZ RENESAS-HSP50214BVCZ Datasheet
2Mb / 62P
   Programmable Downconverter
More results

Similar Description - HSP50214BVC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50214B INTERSIL-HSP50214B_07 Datasheet
1Mb / 62P
   Programmable Downconverter
logo
Renesas Technology Corp
HSP50214B RENESAS-HSP50214B Datasheet
2Mb / 62P
   Programmable Downconverter
logo
Intersil Corporation
HSP50214A INTERSIL-HSP50214A Datasheet
467Kb / 60P
   Programmable Downconverter
HSP50214B INTERSIL-HSP50214B Datasheet
573Kb / 60P
   Programmable Downconverter
HSP50214 INTERSIL-HSP50214 Datasheet
395Kb / 54P
   Programmable Downconverter
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com