Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2936MP-5.0 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM2936MP-5.0
Description  Ultra-Low Quiescent Current LDO Voltage Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2936MP-5.0 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2936MP-5.0 Datasheet HTML 6Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 7Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 8Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 9Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 10Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 11Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 12Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 13Page - Texas Instruments LM2936MP-5.0 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
LM2936
SNOSC48O – JUNE 2000 – REVISED DECEMBER 2014
www.ti.com
Typical Characteristics (continued)
Figure 14. 5-V LM2936 Current Limit
Figure 13. Peak Output Current
Figure 16. 5-V LM2936 Output at Voltage Extremes
Figure 15. 5-V LM2936 Line Transient Response
Figure 17. 5-V LM2936 Ripple Rejection
Figure 18. 5-V LM2936 Load Transient Response
10
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM2936


Similar Part No. - LM2936MP-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936MP-5.0 NSC-LM2936MP-5.0 Datasheet
331Kb / 9P
   Ultra-Low Quiescent Current 5V Regulator
LM2936MP-5.0 NSC-LM2936MP-5.0 Datasheet
414Kb / 10P
   Ultra-Low Quiescent Current 5V Regulator
LM2936MP-5.0 NSC-LM2936MP-5.0 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936MP-5.0 TI-LM2936MP-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936MP-5.0 TI-LM2936MP-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
More results

Similar Description - LM2936MP-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
SM74501 TI1-SM74501 Datasheet
428Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936Q TI1-LM2936Q Datasheet
420Kb / 17P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
   Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
logo
Texas Instruments
LM2936Q-Q1 TI-LM2936Q-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   LM2936Q Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936MP-5.0 TI-LM2936MP-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Rohm
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
   Ultra Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_12 Datasheet
1Mb / 26P
   Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com