Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7218AIJIR5254 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICM7218AIJIR5254
Description  8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7218AIJIR5254 Datasheet(HTML) 4 Page - Intersil Corporation

  ICM7218AIJIR5254 Datasheet HTML 1Page - Intersil Corporation ICM7218AIJIR5254 Datasheet HTML 2Page - Intersil Corporation ICM7218AIJIR5254 Datasheet HTML 3Page - Intersil Corporation ICM7218AIJIR5254 Datasheet HTML 4Page - Intersil Corporation ICM7218AIJIR5254 Datasheet HTML 5Page - Intersil Corporation ICM7218AIJIR5254 Datasheet HTML 6Page - Intersil Corporation ICM7218AIJIR5254 Datasheet HTML 7Page - Intersil Corporation ICM7218AIJIR5254 Datasheet HTML 8Page - Intersil Corporation ICM7218AIJIR5254 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN3159.3
September 15, 2015
Digital Address Hold Time
tAH
7218C, 7218D
0
-
-
ns
Data Input Impedance
ZIN
5-10pF Gate Capacitance
-
1010
-
Electrical Specifications
VDD = 5V, VSS = 0V, TA = +25°C, Display Diode Drop = 1.7V (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pin Descriptions
INPUT
TERMINAL
LOGIC LEVEL
FUNCTION
ICM7218A AND ICM7218B
WRITE
8
High
Input Not Loaded
Low
Input Loaded
MODE
9
High
Load Control Bits on Write Pulse
Low
Load Input Data on Write Pulse
ID4 (SHUTDOWN)
MODE High
10
High
Normal Operation
Low
Shutdown (Oscillator, Decoder and Display Disabled)
ID5 (DECODE)
6
High
No Decode
Low
Decode
ID6 (HEXA/CODE B)
5
High
Hexadecimal Decoding
Low
Code B Decoding
ID7 (DATA COMING)
7
High
Data Coming
No Data Coming
Low
ID0-ID7
MODE Low 11, 12, 13, 14, 5, 6, 10, 7
Display Data Inputs (Notes 4, 5)
ICM7218C AND ICM7218D
WRITE
8
High
Input Not Loaded into Memory
Low
Input Loaded into Memory
HEXA/CODE B/ SHUTDOWN
9 (Note 3)
High
Hexadecimal Decoding
Floating
Code B Decoding
Low
Shutdown (Oscillator, Decoder and Display Disabled)
DA0 - DA2
10, 6, 5
Digit Address Inputs
ID0 - ID3
14, 13, 11, 12
Display Data Inputs
ID7 (INPUT D.P.)
7
Decimal Point Input
NOTES:
3. In the ICM7218C and D (random access versions) the HEXA/CODE B/SHUTDOWN input (Pin 9) has internal biasing resistors to hold it at VDD/2
when Pin 9 is open-circuited. These resistors consume power and result in a quiescent supply current (IQ) of typically 50. The ICM7218A,
and B devices do not have these biasing resistors and thus are not subject to this condition.
4. ID0-ID3 = Don’t Care when writing control data.
ID4-ID6 = Don’t Care when writing Hex/Code B data.
ID7 = Decimal Point data.
(The display blanks on ICM7218A/B versions when writing in data).
5. In the No Decode format, “Ones” represents “on” segments for all inputs except for the Decimal Point, where “Zero” represents an “on” segment
(i.e., segments are positive true, decimal point is negative true).
6. Common Anode segment drivers and Common Cathode Digit Drivers have 20k
 pullup resistors.
} Control Word
ICM7218


Similar Part No. - ICM7218AIJIR5254

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7218AIJIR5254 INTERSIL-ICM7218AIJIR5254 Datasheet
252Kb / 11P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
logo
Renesas Technology Corp
ICM7218AIJIR5254 RENESAS-ICM7218AIJIR5254 Datasheet
676Kb / 14P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
More results

Similar Description - ICM7218AIJIR5254

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7218 INTERSIL-ICM7218 Datasheet
252Kb / 11P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
logo
Renesas Technology Corp
ICM7218 RENESAS-ICM7218 Datasheet
676Kb / 14P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
logo
Intersil Corporation
ICM7228AIBI INTERSIL-ICM7228AIBI Datasheet
400Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
ICM7228 INTERSIL-ICM7228_05 Datasheet
302Kb / 18P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
ICM7228 INTERSIL-ICM7228 Datasheet
99Kb / 17P
   8-Digit, Microprocessor- Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7228 RENESAS-ICM7228 Datasheet
809Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
   8-Character, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com