Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7242CBAZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICM7242CBAZ
Description  Long Range Fixed Timer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7242CBAZ Datasheet(HTML) 3 Page - Intersil Corporation

  ICM7242CBAZ Datasheet HTML 1Page - Intersil Corporation ICM7242CBAZ Datasheet HTML 2Page - Intersil Corporation ICM7242CBAZ Datasheet HTML 3Page - Intersil Corporation ICM7242CBAZ Datasheet HTML 4Page - Intersil Corporation ICM7242CBAZ Datasheet HTML 5Page - Intersil Corporation ICM7242CBAZ Datasheet HTML 6Page - Intersil Corporation ICM7242CBAZ Datasheet HTML 7Page - Intersil Corporation ICM7242CBAZ Datasheet HTML 8Page - Intersil Corporation ICM7242CBAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN2866.5
September 14, 2015
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VDD to VSS). . . . . . . . . . . . . . . . . . . . . . . . . . . .18V
Input Voltage (Note 1)
Terminals (Pins 5, 6, 7, 8). . . . . . . . . . (VSS -0.3V) to (VDD +0.3V)
Continuous Output Current (Each Output). . . . . . . . . . . . . . . . 50mA
Operating Conditions
Temperature Range
ICM7242I . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-25°C to +85°C
ICM7242C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Thermal Resistance (Typical, Note2)
JA (°C/W)
PDIP Package* . . . . . . . . . . . . . . . . . . . . . . . . . . . .
100
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
160
Maximum Storage Temperature Range . . . . . . . . . -65°C to +150°C
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
*Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Due to the SCR structure inherent in the CMOS process, connecting any terminal to voltages greater than VDD or less than VSS may cause
destructive device latchup. For this reason, it is recommended that no inputs from external sources not operating on the same supply be applied
to the device before its supply is established and, that in multiple supply systems, the supply to the ICM7242 be turned on first.
2.
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VDD = 5V, TA = +25°C, R = 10k, C = 0.1µF, VSS = 0V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Guaranteed Supply Voltage
VDD
2-
16
V
Supply Current
IDD
Reset
-
125
-
µA
Operating, R = 10k
, C = 0.1µF
-
340
800
µA
Operating, R = 1M
, C = 0.1µF
-
220
600
µA
TB Inhibited, RC Connected to VSS
-
225
-
µA
Timing Accuracy
-5
-
%
RC Oscillator Frequency Temperature
Drift
f/t
Independent of RC Components
-
250
-
ppm/°C
Time Base Output Voltage
VOTB
ISOURCE = 100µA
-
3.5
-
V
ISINK = 1.0mA
-
0.40
-
V
Time Base Output Leakage Current
ITBLK
RC = Ground
-
-
25
µA
Trigger Input Voltage
VTRIG
VDD = 5V
-
1.6
2.0
V
VDD = 15V
-
3.5
4.5
V
Reset Input Voltage
VRST
VDD = 5V
-
1.3
2.0
V
VDD = 15V
-
2.7
4.0
V
Trigger/Reset Input Current
ITRIG, IRST
-10
-
µA
Max Count Toggle Rate
fT
VDD = 2V
Counter/Divider Mode
-1
-
MHz
VDD = 5V
2
6
-
MHz
VDD = 15V
-
13
-
MHz
50% Duty Cycle Input with Peak to Peak
Voltages Equal to VDD and VSS
Output Saturation Voltage
VSAT
All Outputs Except TB Output VDD = 5V,
IOUT = 3.2mA
-
0.22
0.4
V
Output Sourcing Current
ISOURCE
VDD = 5V Terminals 2 and 3, VOUT = 1V
-
300
-
µA
MIN Timing Capacitor (Note 3)
CT
10
-
-
pF
Timing Resistor Range (Note 3)
RT
VDD = 2 - 16V
1k
-
22M
NOTE:
3. For design only, not tested.
ICM7242
ICM7242


Similar Part No. - ICM7242CBAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7242CBAZ INTERSIL-ICM7242CBAZ Datasheet
264Kb / 10P
   Long Range Fixed Timer
logo
Renesas Technology Corp
ICM7242CBAZ RENESAS-ICM7242CBAZ Datasheet
571Kb / 11P
   Long Range Fixed Timer
More results

Similar Description - ICM7242CBAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICM7242 RENESAS-ICM7242 Datasheet
571Kb / 11P
   Long Range Fixed Timer
logo
Intersil Corporation
ICM7242 INTERSIL-ICM7242_07 Datasheet
264Kb / 10P
   Long Range Fixed Timer
ICM7242 INTERSIL-ICM7242 Datasheet
73Kb / 7P
   Long Range Fixed Timer
logo
Exar Corporation
XR2242 EXAR-XR2242 Datasheet
362Kb / 5P
   Long Range Timer
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
   Micropower Long Range Timer
logo
ATMEL Corporation
U6046B ATMEL-U6046B_05 Datasheet
197Kb / 16P
   REAR WINDOW HEATING TIMER / LONG-TERM TIMER
logo
Motorola, Inc
MC33187 MOTOROLA-MC33187 Datasheet
325Kb / 7P
   Long Duration Automotive Timer
logo
ATMEL Corporation
U6046B ATMEL-U6046B Datasheet
247Kb / 13P
   REAR WINDOW HEATING TIMER / LONG-TERM TIMER
logo
Linear Technology
LTC6995-2 LINER-LTC6995-2_15 Datasheet
321Kb / 28P
   Long Timer, Low Frequency Oscillator
logo
Panasonic Semiconductor
AN6783S PANASONIC-AN6783S Datasheet
85Kb / 9P
   IC for long interval timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com