Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7555CBA-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ICM7555CBA-T
Description  General Purpose Timers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7555CBA-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ICM7555CBA-T Datasheet HTML 4Page - Intersil Corporation ICM7555CBA-T Datasheet HTML 5Page - Intersil Corporation ICM7555CBA-T Datasheet HTML 6Page - Intersil Corporation ICM7555CBA-T Datasheet HTML 7Page - Intersil Corporation ICM7555CBA-T Datasheet HTML 8Page - Intersil Corporation ICM7555CBA-T Datasheet HTML 9Page - Intersil Corporation ICM7555CBA-T Datasheet HTML 10Page - Intersil Corporation ICM7555CBA-T Datasheet HTML 11Page - Intersil Corporation ICM7555CBA-T Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN2867.9
August 24, 2006
FIGURE 10. NORMALIZED FREQUENCY STABILITY IN THE
ASTABLE MODE vs SUPPLY VOLTAGE
FIGURE 11. DISCHARGE OUTPUT CURRENT vs DISCHARGE
OUTPUT VOLTAGE
FIGURE 12. PROPAGATION DELAY vs VOLTAGE LEVEL OF
TRIGGER PULSE
FIGURE 13. NORMALIZED FREQUENCY STABILITY IN THE
ASTABLE MODE vs TEMPERATURE
FIGURE 14. FREE RUNNING FREQUENCY vs RA, RB AND C
FIGURE 15. TIME DELAY IN THE MONOSTABLE MODE vs
RA AND C
Typical Performance Curves (Continued)
SUPPLY VOLTAGE (V)
TA = 25°C
RA = RB = 10MΩ
0.1
1.0
10.0
100.0
8
8
6
4
2
0
2
4
6
C = 100pF
RA = RB = 10kΩ
C = 0.1
μF
TA = 25°C
DISCHARGE LOW VOLTAGE (V)
VDD = 2V
VDD = 5V
VDD = 18V
0.01
0.1
1.0
10.0
0.1
100
10.0
1.0
TA = 25°C
LOWEST VOLTAGE LEVEL OF
TRIGGER PULSE (%VDD)
VDD = 5V
010
20
30
40
0
600
500
400
300
200
100
TA = 70°C
TA = -20°C
TEMPERATURE (°C)
060
80
-0.1
+0.1
0
RA = RB = 10kΩ
C = 0.1
μF
40
20
-20
+0.2
+0.3
+0.4
+0.5
+0.6
+0.7
+0.8
+0.9
+1.0
VDD = 2V
VDD = 5V
VDD = 18V
VDD = 2V
TA = 25°C
FREQUENCY (Hz)
(RA + 2RB)
1k
Ω
10k
Ω
100k
Ω
1M
Ω
10M
Ω
100M
Ω
10
0.1
1
100
1k
10k
100k
1M
10M
1.0
100m
10m
1m
100
μ
10
μ
1
μ
100n
10n
1n
100p
10p
1p
TIME DELAY (s)
1k
Ω
10k
Ω
100k
Ω
1M
Ω
10M
Ω
100M
Ω
10
μ
100n
1
μ
100
μ
1m
10m
100m
1
10
1.0
100m
10m
1m
100
μ
10
μ
1
μ
100n
10n
1n
100p
10p
1p
RA
TA = 25°C
ICM7555, ICM7556


Similar Part No. - ICM7555CBA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7555CBA-T INTERSIL-ICM7555CBA-T Datasheet
287Kb / 12P
   General Purpose Timers
More results

Similar Description - ICM7555CBA-T

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM322I AD-ADUCM322I Datasheet
464Kb / 23P
   general-purpose timers
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
   General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555 INTERSIL-ICM7555_06 Datasheet
287Kb / 12P
   General Purpose Timers
logo
STMicroelectronics
NE556DT STMICROELECTRONICS-NE556DT Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
NE555 STMICROELECTRONICS-NE555_07 Datasheet
494Kb / 20P
   General purpose single bipolar timers
NE556 STMICROELECTRONICS-NE556 Datasheet
641Kb / 8P
   GENERAL PURPOSE DUAL BIPOLAR TIMERS
logo
Panasonic Semiconductor
AN6780 PANASONIC-AN6780 Datasheet
47Kb / 4P
   General Purpose Long Interval Timers
logo
STMicroelectronics
NE555 STMICROELECTRONICS-NE555_95 Datasheet
142Kb / 10P
   GENERAL PURPOSE SINGLE BIPOLAR TIMERS
NE556 STMICROELECTRONICS-NE556_09 Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
SA555DT STMICROELECTRONICS-SA555DT Datasheet
1Mb / 20P
   General-purpose single bipolar timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com