Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43L840IV-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL43L840IV-T
Description  Ultra Low ON-Resistance, Low-Voltage,Single Supply, Dual 4 to 1 Analog Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L840IV-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL43L840IV-T Datasheet HTML 3Page - Intersil Corporation ISL43L840IV-T Datasheet HTML 4Page - Intersil Corporation ISL43L840IV-T Datasheet HTML 5Page - Intersil Corporation ISL43L840IV-T Datasheet HTML 6Page - Intersil Corporation ISL43L840IV-T Datasheet HTML 7Page - Intersil Corporation ISL43L840IV-T Datasheet HTML 8Page - Intersil Corporation ISL43L840IV-T Datasheet HTML 9Page - Intersil Corporation ISL43L840IV-T Datasheet HTML 10Page - Intersil Corporation ISL43L840IV-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN6096.1
Typical Performance Curves TA = 25°C, Unless Otherwise Specified
FIGURE 9. ON RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 10. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 12. CHARGE INJECTION vs SWITCH VOLTAGE
FIGURE 13. DIGITAL SWITCHING POINT vs SUPPLY VOLTAGE
FIGURE 14. ADDRESS TRANS TIME vs SUPPLY VOLTAGE
01234
VCOM (V)
ICOM = 100mA
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
V+ = 3V
V+ = 1.8V
V+ = 3.6V
V+ = 1.65V
V+ = 2.7V
VCOM (V)
00.5
11.5
22.5
3
V+ = 3V
ICOM = 100mA
0.35
0.4
0.45
0.5
0.55
0.6
0.65
25°C
85°C
-40°C
00.5
1
1.5
2
VCOM (V)
85°C
-40°C
25°C
V+ = 1.8V
ICOM = 100mA
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
00.511.5
22.5
3
VCOM (V)
V+ = 1.8V
V+ = 3V
-100
-50
0
50
100
0.6
0.8
1
1.2
1.4
1.6
V+ (V)
1
1.5
22.533.5
4
4.5
VINH
VINL
V+ (V)
1
1.5
22.5
33.5
4
4.5
10
20
30
40
50
60
25°C
85°C
-40°C
ISL43L840


Similar Part No. - ISL43L840IV-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L840IV-T INTERSIL-ISL43L840IV-T Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L840IV-T RENESAS-ISL43L840IV-T Datasheet
572Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
More results

Similar Description - ISL43L840IV-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL54058 INTERSIL-ISL54058 Datasheet
249Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL54058 INTERSIL-ISL54058_14 Datasheet
266Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage Single Supply, Dual 4 to 1 Analog Multiplexer
September 29, 2006
logo
Renesas Technology Corp
ISL43L840 RENESAS-ISL43L840 Datasheet
572Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL54058 RENESAS-ISL54058 Datasheet
492Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841 INTERSIL-ISL43L841 Datasheet
307Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL54057 RENESAS-ISL54057 Datasheet
513Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com