Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43L840IVZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL43L840IVZ-T
Description  Ultra Low ON-Resistance, Low-Voltage,Single Supply, Dual 4 to 1 Analog Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L840IVZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL43L840IVZ-T Datasheet HTML 1Page - Intersil Corporation ISL43L840IVZ-T Datasheet HTML 2Page - Intersil Corporation ISL43L840IVZ-T Datasheet HTML 3Page - Intersil Corporation ISL43L840IVZ-T Datasheet HTML 4Page - Intersil Corporation ISL43L840IVZ-T Datasheet HTML 5Page - Intersil Corporation ISL43L840IVZ-T Datasheet HTML 6Page - Intersil Corporation ISL43L840IVZ-T Datasheet HTML 7Page - Intersil Corporation ISL43L840IVZ-T Datasheet HTML 8Page - Intersil Corporation ISL43L840IVZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN6096.1
OFF Isolation
RL = 50Ω, CL = 35pF, f = 100kHz,
(See Figures 4 and 6)
25
-
65
-
dB
Crosstalk, (Note 9)
25
-
-100
-
dB
Total Harmonic Distortion (THD)
f = 20Hz to 20kHz, 0.5Vp-p, RL = 32Ω
25
-
0.02
-
%
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
1.6
-
3.6
V
Positive Supply Current, I+
V+ = 3.6V, VINH, VADD = 0V or V+, Switch On or Off
25
-
-
0.05
µA
Full
-
-
0.9
µA
NOTES:
4. VIN = Input voltage to perform proper function.
5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6. RON matching between channels is calculated by subtracting the channel with the highest max Ron value from the channel with lowest max Ron
value.
7. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
8. Parts are 100% tested at +25°C. Limits across the full temperature range are guaranteed by design and correlation.
9. Between any two switches.
10. Guaranteed but not tested.
Electrical Specifications: 1.8V Supply Test Conditions: V+ = +1.8V, GND = 0V, VINH = 1V, VINL = 0.4V (Note 4, 8),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(NOTE 5)
TYP
MAX
(NOTE 5)
UNIT
S
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 1.8V, ICOM = 10.0mA, VAx or VBx= 1.0V,
(See Figure 5)
25
-
0.62
0.85
Full
-
-
0.9
RON Matching Between Channels,
∆RON)
V+ = 1.8V, ICOM = 10.0mA, VAx or VBx = 1.0V,
(See Figure 5)
25
-
0.12
-
Full
-
0.12
-
RON Flatness, RFLAT(ON)
V+ = 1.8V, ICOM = 10.0mA, VAx or VBx = 0V, 0.9V, 1.6V,
(See Figure 5)
25
-
0.14
-
Full
-
0.14
-
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH, VADDH
Full
1
-
-
V
Input Voltage Low, VINL, VADDL
Full
-
-
0.4
V
Input Current, IINH, IINL, IADDH, IADDL V+ = 1.8V, VINH, VADD = 0V or V+ (Note 10)
Full
-0.5
-
0.5
µA
DYNAMIC CHARACTERISTICS
Address Transition Time, tTRANS
V+ = 1.8V, VAx or VBx = 1.0V, RL = 50Ω, CL = 35pF,
(See Figure 1, Note 10)
25
-
24
33
ns
Full
-
-
35
ns
Break-Before-Make Time, tBBM
V+ = 1.8V, VAx or VBx = 1.0V, RL = 50Ω, CL = 35pF,
(See Figure 3, Note 10)
25
-
9
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2)
25
-
-46
-
pC
Electrical Specifications - 3V Supply Test Conditions: VSUPPLY = +2.7V to +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Notes 4, 8),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ISL43L840


Similar Part No. - ISL43L840IVZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L840IVZ-T INTERSIL-ISL43L840IVZ-T Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L840IVZ-T RENESAS-ISL43L840IVZ-T Datasheet
572Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
More results

Similar Description - ISL43L840IVZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL54058 INTERSIL-ISL54058 Datasheet
249Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL54058 INTERSIL-ISL54058_14 Datasheet
266Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage Single Supply, Dual 4 to 1 Analog Multiplexer
September 29, 2006
logo
Renesas Technology Corp
ISL43L840 RENESAS-ISL43L840 Datasheet
572Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL54058 RENESAS-ISL54058 Datasheet
492Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841 INTERSIL-ISL43L841 Datasheet
307Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL54057 RENESAS-ISL54057 Datasheet
513Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com