Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43143IRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL43143IRZ
Description  Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43143IRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL43143IRZ Datasheet HTML 7Page - Intersil Corporation ISL43143IRZ Datasheet HTML 8Page - Intersil Corporation ISL43143IRZ Datasheet HTML 9Page - Intersil Corporation ISL43143IRZ Datasheet HTML 10Page - Intersil Corporation ISL43143IRZ Datasheet HTML 11Page - Intersil Corporation ISL43143IRZ Datasheet HTML 12Page - Intersil Corporation ISL43143IRZ Datasheet HTML 13Page - Intersil Corporation ISL43143IRZ Datasheet HTML 14Page - Intersil Corporation ISL43143IRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN6037.4
August 31, 2015
Crosstalk rejection provided by this family. At 10MHz, OFF
isolation is about 50dB in 5
systems, decreasing
approximately 20dB per decade as frequency increases.
Higher load impedances decrease OFF Isolation and
Crosstalk rejection due to the voltage divider action of the
switch OFF impedance and the load impedance.
Leakage Considerations
Reverse ESD protection diodes are internally connected
between each analog-signal pin and both V+ and V-. One
of these diodes conducts if any analog signal exceeds V+
or V-.
Virtually all the analog leakage current comes from the ESD
diodes to V+ or V-. Although the ESD diodes on a given
signal pin are identical and therefore fairly well balanced,
they are reverse biased differently. Each is biased by either
V+ or V- and the analog signal. This means their leakages
will vary as the signal varies. The difference in the two diode
leakages to the V+ and V- pins constitutes the analog-signal-
path leakage current. All analog leakage current flows
between each pin and one of the supply terminals, not to the
other switch terminal. This is why both sides of a given
switch can show leakage currents of the same or opposite
polarity. There is no connection between the analog signal
paths and GND.
Typical Performance Curves TA = 25°C, Unless Otherwise Specified
FIGURE 9. ON RESISTANCE vs POSITIVE SUPPLY VOLTAGE
FIGURE 10. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 12. CHARGE INJECTION vs SWITCH VOLTAGE
V+ (V)
2468
10
12
3579
11
13
0
50
100
150
200
25
75
125
V- = 0V
-40°C
85°C
25°C
10
15
20
25
30
35
V- = -3V
-40°C
85°C
25°C
15
20
25
V- = -5V
VCOM = (V+) - 1V
ICOM = 1mA
-40°C
85°C
25°C
10
15
20
25
30
35
20
30
40
50
60
70
VCOM (V)
0246
8
10
12
1
3579
11
V+ = 3V
V+ = 5V
25°C
-40°C
85°C
25°C
-40°C
85°C
V- = 0V
V- = 0V
ICOM = 1mA
8
10
12
14
16
18
20
-40°C
85°C
V+ = 12V
V- = 0V
25°C
20
25
30
35
40
45
10
15
20
25
VCOM (V)
-4
-2
024
-5
-3
-1
1
3
5
VS =5V
VS =3V
ICOM = 1mA
VS =2V
25°C
85°C
25°C
-40°C
85°C
-40°C
5
10
15
20
25
30
35
25°C
-40°C
85°C
VCOM (V)
-5
0
5
10
-2.5
2.5
7.5
12.5
-10
-5
0
5
10
15
VS =5V
V+ = 5V
V+ = 3V
V+ = 12V
ISL43143, ISL43144, ISL43145


Similar Part No. - ISL43143IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43143IRZ INTERSIL-ISL43143IRZ Datasheet
526Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43143IRZ RENESAS-ISL43143IRZ Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
More results

Similar Description - ISL43143IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL43143 INTERSIL-ISL43143_05 Datasheet
526Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43140 RENESAS-ISL43140 Datasheet
1Mb / 17P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL43143 INTERSIL-ISL43143 Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
ISL43140IBZ INTERSIL-ISL43140IBZ Datasheet
580Kb / 17P
   Low-Voltage, Single and Dual Supply,High Performance, Quad SPST, Analog Switches
August 24, 2015
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL8391IB INTERSIL-ISL8391IB Datasheet
344Kb / 12P
   Low-Voltage, Single and Dual Supply Quad SPST, Analog Switches
August 2004
logo
Renesas Technology Corp
ISL84521 RENESAS-ISL84521 Datasheet
700Kb / 13P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com