Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54211IRUZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL54211IRUZ-T
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54211IRUZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL54211IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54211IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
FN6662.1
August 25, 2008
USB Switch -3dB Bandwidth
Signal = 0dBm, 0.2VDC offset, RL = 50Ω, CL = 5pF
+25
-
700
-
MHz
D+/D- OFF Capacitance,
CD+OFF, CD-OFF
f = 1MHz, VDD = 3.0V, IN = float, CTRL = 3.0V, VD- or
VD+ = VCOMx = 0V (see Figure 4)
+25
-
4
-
pF
COM ON Capacitance, CCOM-
(ON), CCOM+(ON)
f = 1MHz, VDD = 3.0V, IN = 3.0V, CTRL = 0V or 3V, VD-
or VD+ = VCOMx = 0V, (See Figure 4)
+25
-
9
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD
Full
2.7
3.6
V
Positive Supply Current, IDD
(Audio Mode)
VDD = 3.6V, IN = 0V, CTRL = 3.6V
+25
-
7
10
µA
Full
-
-
12
µA
Positive Supply Current, IDD
(USB Mode)
VDD = 3.6V, IN = 3.6V, CTRL = 3.6V
+25
-
2.4
4
µA
Full
-
-
5
µA
Positive Supply Current, IDD
(Mute Mode)
VDD = 3.6V, IN = 0V, CTRL = 0V
+25
-
2.4
4
µA
Full
-
-
5
µA
DIGITAL INPUT CHARACTERISTICS
IN Voltage Low, VINL
VDD = 2.7V to 3.6V
Full
-
-
0.5
V
IN Voltage High, VINH
VDD = 2.7V to 3.6V
Full
1.4
-
-
V
CTRL Voltage Low, VCTRLL
VDD = 2.7V to 3.6V
Full
-
-
0.5
V
CTRL Voltage High, VCTRLH
VDD = 2.7V to 3.6V
Full
1.4
-
-
V
Input Current, IINL, ICTRLL
VDD = 3.6V, IN = 0V or float, CTRL = 0V or float
Full
-50
2
50
nA
Input Current, IINH
VDD = 3.6V, IN = 3.6V, CTRL = 0V or float
Full
-2
1
2
µA
Input Current, ICTRLH
VDD = 3.6V, IN = 0V or float, CTRL = 3.6V
Full
-2
1
2
µA
IN Pull-Down Resistor, RIN
VDD = 3.6V, IN = 3.6V, CTRL = 0V or float; measure
current through the internal pull-down resistor and
calculate resistance value.
Full
-
4
-
M
Ω
CTRL Pull-Down Resistor,
RCTRL
VDD = 3.6V, IN = 0V or float, CTRL = 3.6V; measure
current through the internal pull-down resistor and
calculate resistance value.
Full
-
4
-
M
Ω
NOTES:
8. Vlogic = Input voltage to perform proper function.
9. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
10. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
11. Flatness is defined as the difference between maximum and minimum value of ON-resistance over the specified analog signal range.
12. Limits established by characterization and are not production tested.
13. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with lowest max rON
value, between L and R or between D+ and D-.
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VINH = 1.4V, VINL = 0.5V,
VCTRLH =1.4V, VCTRLL = 0.5V, (Note 8), Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 9, 10)
TYP
(Note 12)
MAX
(Notes 9, 10) UNITS
ISL54211


Similar Part No. - ISL54211IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54211IRUZ-T RENESAS-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
More results

Similar Description - ISL54211IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54210 INTERSIL-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54210 RENESAS-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Intersil Corporation
ISL54211 INTERSIL-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54211 RENESAS-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com