Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54211IRTZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL54211IRTZ-T
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54211IRTZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL54211IRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL54211IRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL54211IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL54211IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL54211IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54211IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54211IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54211IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54211IRTZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
FN6662.1
August 25, 2008
ON-Resistance, rON
VDD = 3.3V, IN = 1.4V, CTRL = 0V or VDD,
ICOMx = 40mA, VD+ or VD- = 0V to 400mV
(see Figure 3)
+25
-
5.4
6
Ω
Full
-
-
7.5
Ω
rON Matching Between
Channels,
ΔrON
VDD = 3.3V, IN = 1.4V, CTRL = 0V or VDD,
ICOMx = 40mA, VD+ or VD- = Voltage at max rON,
(Note 13)
+25
-
0.02
0.25
Ω
Full
-
-
0.25
Ω
rON Flatness, RFLAT(ON)
VDD = 3.3V, IN = 1.4V, CTRL = 0V or VDD,
ICOMx = 40mA, VD+ or VD- = 0V to 400mV, (Note 9)
+25
-
0.45
0.55
Ω
Full
-
-
0.6
Ω
OFF Leakage Current,
ID+(OFF) or ID-(OFF)
VDD = 3.6V, IN = 0V, CTRL = 3.6V, VCOM- or
VCOM+ = 0.5V, 0V, VD+ or VD- = 0V, 0.5V, VL and
VR =float
+25
-10
4
10
nA
Full
-50
-
50
nA
ON Leakage Current, IDX
VDD = 3.6V, IN = VDD, CTRL = 0V or VDD, VD+ or
VD- =2.7V, VCOM- or VCOM+ = Float, VL and VR = float;
measuring current through 200k resistor at com side
+25
-20
11
20
µA
Full
-30
-
30
µA
DYNAMIC CHARACTERISTICS
USB Turn-ON Time, tON
VDD = 2.7V, RL = 50Ω, CL = 10pF (see Figure 1)
+25
-
43
-
ns
USB Turn-OFF Time, tOFF
VDD = 2.7V, RL = 50Ω, CL = 10pF (see Figure 1)
+25
-
14.5
-
ns
Audio Turn-ON Time, tON
VDD = 2.7V, RL = 50Ω, CL = 10pF (see Figure 1)
+25
-
7.5
-
µs
Audio Turn-OFF Time, tOFF
VDD = 2.7V, RL = 50Ω, CL = 10pF (see Figure 1)
+25
-
130
-
ns
Skew, tSKEW
VDD = 3.0V, IN = 3.0V, CTRL = 0V or 3V, RL = 45Ω,
CL =10pF, tR = tF = 750ps at 480Mbps,
(Duty Cycle = 50%) (see Figure 6)
+25
-
50
-
ps
Total Jitter, tJ
VDD = 3.0V, IN = 3.0V, CTRL = 0V or 3V, RL = 50Ω,
CL =10pF, tR = tF = 750ps at 480Mbps
+25
-
210
-
ps
Propagation Delay, tPD
VDD = 3.0V, IN = 3.0V, CTRL = 0V or 3V, RL = 45Ω,
CL =10pF (see Figure 6)
+25
-
250
-
ps
Audio Crosstalk
R to COM-, L to COM+
VDD = 3.0V, IN = float, CTRL = 3.0V, RL = 32Ω, f = 20Hz
to 20kHz, VR or VL = 0.707VRMS (2VP-P)
(see Figure 5)
+25
-
-100
-
dB
Crosstalk
(Audio-to-USB, USB-to-Audio)
VDD = 3.0V, RL = 50Ω, f = 100kHz (see Figure 5)
+25
-
-100
-
dB
OFF-Isolation
VDD = 3.0V, RL = 50Ω, f = 100kHz
+25
-
95
-
dB
VDD = 3.0V, RL = 15Ω, f = 20Hz to 20kHz
+25
-
111
-
dB
VDD = 3.0V, RL = 32Ω, f = 20Hz to 20kHz
+25
-
105
-
dB
VDD = 3.0V, RL = 1kΩ, f = 20Hz to 20kHz
+25
-
75
-
dB
VDD = 3.0V, RL = 10kΩ, f = 20Hz to 20kHz
+25
-
57
-
dB
VDD = 3.0V, RL = 100kΩ, f = 20Hz to 20kHz
+25
-
45
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VDD = 3.0V, IN = Float, CTRL = 3.0V,
VL or VR = 180mVRMS (509mVP-P), RL = 32Ω
+25
-
0.014
-
%
f = 20Hz to 20kHz, VDD = 3.0V, IN = Float, CTRL = 3.0V,
VL or VR = 0.707VRMS (2VP-P), RL = 32Ω
+25
-
0.056
-
%
f = 20Hz to 20kHz, VDD = 3.0V, IN = Float, CTRL = 3.0V,
VL or VR = 180mVRMS (509mVP-P), RL = 15Ω
+25
-
0.043
-
%
f = 20Hz to 20kHz, VDD = 3.0V, IN = Float, CTRL = 3.0V,
VL or VR = 0.707VRMS (2VP-P), RL = 15Ω
+25
-
0.19
-
%
Click and Pop
VDD = 3.3V, CTRL = 0V, IN = float, RL = 1kΩ, VL or
VR = 0 to 1.25V DC step or 1.25V to 0V DC step
(see Figure 7)
+25
-
60
-
µVp
VDD = 3.3V, CTRL = 0.5Hz Square Wave, IN = float,
RL =30.1Ω or 1kΩ, VL or VR = AC-coupled to ground
(see Figure 8)
+25
-
500
-
µVp
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VINH = 1.4V, VINL = 0.5V,
VCTRLH =1.4V, VCTRLL = 0.5V, (Note 8), Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 9, 10)
TYP
(Note 12)
MAX
(Notes 9, 10) UNITS
ISL54211


Similar Part No. - ISL54211IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54211IRTZ-T INTERSIL-ISL54211IRTZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54211IRTZ-T RENESAS-ISL54211IRTZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
More results

Similar Description - ISL54211IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54210 INTERSIL-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54210 RENESAS-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Intersil Corporation
ISL54211 INTERSIL-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54211 RENESAS-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com