Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54217IRTZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL54217IRTZ
Description  USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54217IRTZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL54217IRTZ Datasheet HTML 1Page - Intersil Corporation ISL54217IRTZ Datasheet HTML 2Page - Intersil Corporation ISL54217IRTZ Datasheet HTML 3Page - Intersil Corporation ISL54217IRTZ Datasheet HTML 4Page - Intersil Corporation ISL54217IRTZ Datasheet HTML 5Page - Intersil Corporation ISL54217IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54217IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54217IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54217IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
USB 2.0 High-Speed x 2 Channels/Stereo Audio
Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54217
The Intersil ISL54217 is a single supply dual SP3T
analog switch that operates from a single supply in the
range of 2.7V to 4.6V. It was designed to multiplex
between audio stereo signals and two different USB 2.0
high speed differential data signals. The audio channels
allow signal swings below ground, allowing the
multiplexing of voice and data signals through a
common headphone connector in Personal Media
Players and other portable battery powered devices.
The audio switch cells can pass ±1V ground referenced
audio signals with very low distortion (<0.03% THD+N
when driving 5mW into 32Ω loads). The USB switch
cells have very low ON-capacitance (8pF) and high
bandwidth to pass USB high speed signals (480Mbps)
with minimal edge and phase distortion.
The ISL54217 is available in a tiny 12 Ld
2.2mmx1.4mm ultra thin QFN and a 12 Ld 3mmx3mm
TQFN package. It operates over a temperature range of
-40°C to +85°C.
Related Literature*(see page 22)
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)
Features
• High Speed (480Mbps) and Full Speed (12Mbps)
Signaling Capability per USB 2.0
• Low Distortion Negative Signal Capability Audio
Switches
• Clickless/Popless Audio Switches
• Power OFF Protection
• COM Pins Overvoltage Tolerant to 5.5V
• Low Distortion Headphone Audio Signals
-THD+N at 5mW into 32Ω Load. . . . . . . <0.03%
• Crosstalk (100kHz). . . . . . . . . . . . . . . . . . -98dB
• OFF-Isolation (100kHz) . . . . . . . . . . . . . . 95.5dB
• Single Supply Operation (VDD) . . . . . 2.7V to 4.6V
• -3dB Bandwidth USB Switches. . . . . . . . . 700MHz
• Available in Tiny 12 Ld µTQFN and TQFN Packages
• Compliant with USB 2.0 Short Circuit Requirements
Without Additional External Components
• Pb-Free (RoHS Compliant)
Applications*(see page 22)
• MP3 and other Personal Media Players
• Cellular/Mobile Phone
Application Block Diagram
CLICK/
ISL54217
USB
TRANSCEIVER
HIGH-SPEED
AUDIO
COM -
COM +
C1
GND
1D+
1D-
R
L
VDD
C0
LOGIC CONTROL
µCONTROLLER
CODEC
VBUS
3.3V
2D-
USB
4MΩ
50kΩ
HIGH-SPEED
TRANSCEIVER
2D+
50kΩ
1kΩ
1kΩ
POP
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008, 2009, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
June 17, 2010
FN6817.4


Similar Part No. - ISL54217IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54217IRTZ INTERSIL-ISL54217IRTZ Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54217IRTZ INTERSIL-ISL54217IRTZ Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54217IRTZ RENESAS-ISL54217IRTZ Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54217IRTZ-T INTERSIL-ISL54217IRTZ-T Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54217IRTZ-T INTERSIL-ISL54217IRTZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
More results

Similar Description - ISL54217IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54214IRUZ-T INTERSIL-ISL54214IRUZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
logo
Renesas Technology Corp
ISL54217 RENESAS-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54214 INTERSIL-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
ISL54217 INTERSIL-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54214 RENESAS-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Intersil Corporation
ISL54217 INTERSIL-ISL54217_09 Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54216 INTERSIL-ISL54216 Datasheet
971Kb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Renesas Technology Corp
ISL54216 RENESAS-ISL54216 Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com