Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84521IVZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL84521IVZ
Description  Low-Voltage, Single and Dual Supply,Quad SPST, Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84521IVZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL84521IVZ Datasheet HTML 1Page - Intersil Corporation ISL84521IVZ Datasheet HTML 2Page - Intersil Corporation ISL84521IVZ Datasheet HTML 3Page - Intersil Corporation ISL84521IVZ Datasheet HTML 4Page - Intersil Corporation ISL84521IVZ Datasheet HTML 5Page - Intersil Corporation ISL84521IVZ Datasheet HTML 6Page - Intersil Corporation ISL84521IVZ Datasheet HTML 7Page - Intersil Corporation ISL84521IVZ Datasheet HTML 8Page - Intersil Corporation ISL84521IVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
OFF Isolation
RL = 50, CL = 15pF, f = 100kHz,
VNO or VNC = 1VRMS, (See Figures 4 and 6)
25
-
>90
-
dB
Crosstalk, (Note 9)
25
-
<-90
-
dB
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
2-
6V
Positive Supply Current, I+
VS = 5.5V, VIN = 0V or V+, Switch On or Off
25
-1
0.05
1
A
Full
-1
-
1
A
Negative Supply Current, I-
25
-1
0.05
1
A
Full
-1
-
1
A
NOTES:
5. VIN = Input voltage to perform proper function.
6. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
7. Leakage parameter is 100% tested at high temp, and guaranteed by correlation at 25oC.
8. Flatness is defined as the delta between the maximum and minimum RON values over the specified voltage range.
9. Between any two switches.
Electrical Specifications 5V Supply
Test Conditions: V+ = +4.5V to +5.5V, V- = GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 5),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(oC)
MIN
(NOTE 6)
TYP
MAX
(NOTE 6)UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 4.5V, ICOM = 1.0mA, VNO or VNC = 3.5V
(Figure 5)
25
-
125
200
Full
-
-
250
RON Matching Between Channels,
RON
V+ = 5V, ICOM = 1.0mA, VNO or VNC = 3.5V
25
-
2
8
Full
-
-
10
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 5.5V, VCOM = 1V, 4.5V, VNO or VNC = 4.5V, 1V
(Note 7)
25
-1
0.01
1
nA
Full
-10
-
10
nA
COM OFF Leakage Current,
ICOM(OFF)
V+ = 5.5V, VCOM = 1V, 4.5V, VNO or VNC = 4.5V, 1V
(Note 7)
25
-1
0.01
1
nA
Full
-10
-
10
nA
COM ON Leakage Current,
ICOM(ON)
V+ = 5.5V, VCOM = 1V, 4.5V (Note 7)
25
-2
-
2
nA
Full
-20
-
20
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH
Full
-
1.6
2.4
V
Input Voltage Low, VINL
Full
0.8
1.6
-
V
Input Current, IINH, IINL
V+ = 5.5V, VIN = 0V or V+
Full
-1
0.03
1
A
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 4.5V, VNO or VNC = 3V, RL = 300, CL = 35pF,
VIN = 0 to 3V (Figure 1)
25
-
60
100
ns
Full
-
-
150
ns
Turn-OFF Time, tOFF
V+ = 4.5V, VNO or VNC = 3V, RL = 300, CL = 35pF,
VIN = 0 to 3V (Figure 1)
25
-
20
50
ns
Full
-
-
75
ns
Break-Before-Make Time Delay
(ISL84523), tD
V+ = 5.5V, VNO or VNC = 3V, RL = 300, CL = 35pF,
VIN = 0 to 3V (Figure 3)
25
10
30
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Figure 2)
25
-
1
5
pC
Electrical Specifications +5V Supply
Test Conditions: VSUPPLY = 4.5V to 5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 5),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(oC)
(NOTE 6)
MIN
TYP
(NOTE 6)
MAX
UNITS
ISL84521, ISL84522, ISL84523


Similar Part No. - ISL84521IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84521IVZ INTERSIL-ISL84521IVZ Datasheet
363Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL84521IVZ RENESAS-ISL84521IVZ Datasheet
700Kb / 13P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results

Similar Description - ISL84521IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL8391IB INTERSIL-ISL8391IB Datasheet
344Kb / 12P
   Low-Voltage, Single and Dual Supply Quad SPST, Analog Switches
August 2004
logo
Renesas Technology Corp
ISL84521 RENESAS-ISL84521 Datasheet
700Kb / 13P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL8391 INTERSIL-ISL8391 Datasheet
337Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL84521 INTERSIL-ISL84521_04 Datasheet
363Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL8391 INTERSIL-ISL8391_04 Datasheet
341Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL8391 RENESAS-ISL8391 Datasheet
649Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com