Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84522IVZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL84522IVZ
Description  Low-Voltage, Single and Dual Supply,Quad SPST, Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84522IVZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL84522IVZ Datasheet HTML 2Page - Intersil Corporation ISL84522IVZ Datasheet HTML 3Page - Intersil Corporation ISL84522IVZ Datasheet HTML 4Page - Intersil Corporation ISL84522IVZ Datasheet HTML 5Page - Intersil Corporation ISL84522IVZ Datasheet HTML 6Page - Intersil Corporation ISL84522IVZ Datasheet HTML 7Page - Intersil Corporation ISL84522IVZ Datasheet HTML 8Page - Intersil Corporation ISL84522IVZ Datasheet HTML 9Page - Intersil Corporation ISL84522IVZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 2A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 2B. TEST CIRCUIT
FIGURE 2. CHARGE INJECTION
FIGURE 3A. MEASUREMENT POINTS
CL includes fixture and stray capacitance.
Reconfigure accordingly to test SW3 and SW4.
FIGURE 3B. TEST CIRCUIT
FIGURE 3. BREAK-BEFORE-MAKE TIME (ISL84523 ONLY)
Repeat test for all switches.
FIGURE 4. OFF ISOLATION TEST CIRCUIT
Repeat test for all switches.
FIGURE 5. RON TEST CIRCUIT
Test Circuits and Waveforms (Continued)
VOUT
VOUT
ON
OFF
ON
Q =
VOUT x CL
SWITCH
OUTPUT
LOGIC
INPUT
3V
0V
CL
VOUT
RG
VG
GND
COM
NO OR NC
V+
C
LOGIC
INPUT
IN
C
V-
90%
3V
0V
tD
0V
LOGIC
INPUT
SWITCH
OUTPUT
SWITCH
OUTPUT
90%
tD
0V
VOUT1
VOUT2
90%
90%
LOGIC
INPUT
IN1
COM1
RL1
CL1
VOUT1
300
35pF
COM2
RL2
CL2
VOUT2
300
35pF
NO1
NC2
GND
IN2
VNX
V+
C
C
V-
C
ANALYZER
RL
SIGNAL
GENERATOR
V+
C
0V OR 2.4V
NO OR NC
COM
IN
GND
C
V-
V+
C
0.8V OR 2.4V
NO OR NC
COM
IN
GND
VNX
V1
RON = V1/1mA
1mA
C
V-
ISL84521, ISL84522, ISL84523


Similar Part No. - ISL84522IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84522IVZ INTERSIL-ISL84522IVZ Datasheet
363Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL84522IVZ RENESAS-ISL84522IVZ Datasheet
700Kb / 13P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results

Similar Description - ISL84522IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL8391IB INTERSIL-ISL8391IB Datasheet
344Kb / 12P
   Low-Voltage, Single and Dual Supply Quad SPST, Analog Switches
August 2004
logo
Renesas Technology Corp
ISL84521 RENESAS-ISL84521 Datasheet
700Kb / 13P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL8391 INTERSIL-ISL8391 Datasheet
337Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL84521 INTERSIL-ISL84521_04 Datasheet
363Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL8391 INTERSIL-ISL8391_04 Datasheet
341Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL8391 RENESAS-ISL8391 Datasheet
649Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com